Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-400-00-ZN-R Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # P-400-00-ZN-R
Description  Purgemeter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-400-00-ZN-R Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  P-400-00-ZN-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-400-00-ZN-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. P-400-00-ZN-R Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. P-400-00-ZN-R Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TG-F2382-E00
P-400 Purgemeter
TOKYO KEISO CO., LTD.
3
Model Code
Descriptions
Notes
P-40
1
□ □ – □ □ – □ □
Flow direction 1
Bottom → Top
For PVC, only this code is selectable but no
valve can be installed.
Valve
0
Not provided
A valve will be installed extemally.
Refer to "Index & Quick Reference for P Series
Purgemeters" (TG-S0001).
L
Inlet (gas for atmospheric pressure scale)
U
Outlet (gas for pressure scale or for negative pressure
on the secondary side)
Alarm output
0
Not provided
Wetted parts material
4
SCS14/SUS304 (Standard)
6
SCS14/SUS316
P
PVC
Z
Special
Gasket material
N
Nitrile rubber (NBR) (Standard)
C
Chloroprene rubber (CR)
Select this code for ammonia gas.
F
Fluoro rubber
T
PTFE
Z
Special
Process connection
R
1 Rc 1/8"
Piping installation
For "RZ," specify connection standard & size
separately.
2 Rc 1/4" (Standard)
3 Rc 3/8"
4 Rc 1/2" (With R 3/8"
× Rc 1/2" adapter)
Z Special (With R 3/8"
× □" adapter)
N
1 NPT 1/8" (F)
2 NPT 1/4" (F)
3 NPT 3/8" (F)
4 NPT 1/2" (F) (With R 3/8"
× NPT 1/2" (F) adapter)
Z
Z Special
Specify connection standard & size separately.
Connection standard, rating & flange face
JR
JIS 10K RF
For "ZR" or "ZF," specify connection standard
& rating separately.
JF
JIS 10K FF
AR
ASME Class 150 RF
AF
ASME Class 150 FF
PR
JPI Class 150 RF
PF
JPI Class 150 FF
ZR
Special (RF)
ZF
Special (FF)
Connection size
3 10A
4 15A (1/2)
5 20A (3/4)
6 25A (1)
OTHER AVAILABLE OPTIONS
You can specify the following options:
Double graduations, special graduations, rubber joint type, other joint types, etc. For details, refer to "Index & Quick Reference for P Series Purgemeters"
(TG-S0001).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com