Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1244 Datasheet(PDF) 1 Page - CellWise Microelectronics

Part # CW1244
Description  Li-Ion/Polymer Battery Pack Protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1244 Datasheet(HTML) 1 Page - CellWise Microelectronics

  CW1244 Datasheet HTML 1Page - CellWise Microelectronics CW1244 Datasheet HTML 2Page - CellWise Microelectronics CW1244 Datasheet HTML 3Page - CellWise Microelectronics CW1244 Datasheet HTML 4Page - CellWise Microelectronics CW1244 Datasheet HTML 5Page - CellWise Microelectronics CW1244 Datasheet HTML 6Page - CellWise Microelectronics CW1244 Datasheet HTML 7Page - CellWise Microelectronics CW1244 Datasheet HTML 8Page - CellWise Microelectronics CW1244 Datasheet HTML 9Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.cellwise-semi.com
CW1244-DS V1.2
© 2019-2020 Cellwise Microelectronics
1
CW1244
3~4 节电池保护 IC
功能特性
过充电保护
• 阈值范围 3.650V、3.850V、4.175V~4.375V,
25mV 步进,± 25mV 精度
过放电保护
• 阈值范围 2.300V~2.800V,100mV 步进,
± 30mV 精度
放电过流保护
• 过流检测 1
阈值范围 0.050V~0.100V,± 5mV 精度
• 过流检测 2
阈值范围 0.100V~0.200 V,± 10mV 精度
• 短路保护
阈值范围 0.200V~0.500V,± 20mV 精度
充电过流保护
• 阈值范围-0.010V~-0.050V,± 5mV 精度
温度检测功能
• 充放电高低温保护,保护温度外部可设
均衡功能
断线检测功能
负载检测功能
低功耗设计
• 工作状态 20
A (25°C)
• 休眠状态 5
A (25°C)
封装形式:SSOP16
应用领域
扫地机器人
电动工具
后备电源
锂离子及锂聚合物电池包
基本描述
CW1244 系列产品是一款高度集成的 3~4 串锂离子
电池或锂聚合物电池保护芯片。CW1244 为电池包
提供过充、过放、充放电过流、断线、充放电过温
保护以及均衡功能。


Similar Part No. - CW1244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CW12010T0050GBK NXP-CW12010T0050GBK Datasheet
346Kb / 9P
RF Power GaN Transistor
Rev. 1, 01/2021
CW12010T0050GBK NXP-CW12010T0050GBK Datasheet
255Kb / 8P
RF Power LDMOS Transistor
Rev. 0, 02/2019
CW12010T0050GBK NXP-CW12010T0050GBK Datasheet
254Kb / 8P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 02/2019
CW12010T0050GBK NXP-CW12010T0050GBK Datasheet
388Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 7/2016
logo
Powerbox
CW1251M POWERBOX-CW1251M Datasheet
261Kb / 5P
800-2500VA PROGRAMMABLE AC POWER SERIES
More results

Similar Description - CW1244

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3721 MITSUMI-MM3721 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MD1421EXXCPAL MITSUMI-MD1421EXXCPAL Datasheet
48Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
ME01 MITSUMI-ME01 Datasheet
54Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3722 MITSUMI-MM3722 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3724 MITSUMI-MM3724 Datasheet
48Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
Dual-cell Li-ion/Li-polymer battery protection IC
HM5416 HMSEMI-HM5416 Datasheet
2Mb / 26P
1 Li-ion/Li-polymer battery protection IC
HM5413 HMSEMI-HM5413 Datasheet
2Mb / 22P
1 Li-ion/Li-polymer battery protection IC
HM5411 HMSEMI-HM5411 Datasheet
1Mb / 14P
1 Li-ion/Li-polymer battery protection IC
HM5410 HMSEMI-HM5410 Datasheet
1Mb / 12P
1 Li-ion/Li-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com