Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP2102 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 8SLVP2102
Description  Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP2102 Datasheet(HTML) 1 Page - Renesas Technology Corp

  8SLVP2102_V01 Datasheet HTML 1Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 2Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 3Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 4Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 5Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 6Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 7Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 8Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
©2018 Integrated Device Technology, Inc.
March 13, 2018
Description
The 8SLVP2102 is a high-performance differential LVPECL fanout
buffer. The device is designed for the fanout of high-frequency, very
low additive phase-noise clock and data signals. The 8SLVP2102 is
characterized to operate from a 3.3V or 2.5V power supply.
Guaranteed output-to-output and part-to-part skew characteristics
make the 8SLVP2102 ideal for those clock distribution applications
demanding well-defined performance and repeatability.
Two selectable differential inputs and four low skew outputs are
available. The integrated bias voltage reference enables easy
interfacing of single-ended signals to the device inputs. The device is
optimized for low power consumption and low additive phase noise.
Pin Assignment
8SLVP2102
16-Lead VFQFPN
3.0mm x 3.0mm x 0.925mm package body
NL Package
Top View
Features
• Two low skew, low additive jitter LVPECL output pairs
• Two selectable, differential clock input pairs
• Differential pairs can accept the following differential input
levels: LVDS, LVPECL, CML
• Maximum input clock frequency: 2GHz
• Output skew: 5ps (typical)
• Propagation delay: 225ps (maximum)
• Low additive phase jitter, RMS, fREF = 156.25MHz, VPP = 1V,
12kHz – 20MHz: 36fs (maximum)
• Full 3.3V and 2.5V supply voltage
• Maximum device current consumption (IEE): 56mA (maximum)
• Available in lead-free (RoHS 6), 16-Lead VFQFPN package
• -40°C to 85°C ambient operating temperature
• Supports case temperature ≤105°C operations
• Accepts single-ended LVCMOS levels. See Applications section
• Differential PCLKA, nPCLKA and PCLKB, nPCLKB pairs can also
accept single-ended LVCMOS levels. See Applications section
Wiring the Differential Input Levels to Accept Single-ended Levels
(Figure 1A and Figure 1B)
Block Diagram
1
2
3
4
12
11 10
9
13
14
15
16
8
7
6
5
VREF
nPCLKA
PCLKA
VCC
nQB0
QB1
nQB1
QB0
Voltage
Reference
PCLKA
nPCLKA
PCLKB
nPCLKB
VREF
QA0
nQA0
QA1
nQA1
QB0
nQB0
QB1
nQB1
VCC
VCC
Low Phase Noise, Dual 1-to-2, 3.3V,
2.5V LVPECL Output Fanout Buffer
8SLVP2102
Datasheet


Similar Part No. - 8SLVP2102_V01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP2102ANLGI IDT-8SLVP2102ANLGI Datasheet
956Kb / 23P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2102ANLGI IDT-8SLVP2102ANLGI Datasheet
628Kb / 23P
2.5V LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP2102ANLGI RENESAS-8SLVP2102ANLGI Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
logo
Integrated Device Techn...
8SLVP2102ANLGI/W IDT-8SLVP2102ANLGI/W Datasheet
956Kb / 23P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP2102ANLGI/W RENESAS-8SLVP2102ANLGI/W Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
More results

Similar Description - 8SLVP2102_V01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8SLVP1212I IDT-8SLVP1212I Datasheet
881Kb / 25P
Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2102I IDT-8SLVP2102I Datasheet
956Kb / 23P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
8SLVP2108 IDT-8SLVP2108_16 Datasheet
847Kb / 22P
Low Phase Noise, Dual 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
logo
Renesas Technology Corp
8SLVP1102 RENESAS-8SLVP1102 Datasheet
1,002Kb / 24P
Low Phase Noise, 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1208 RENESAS-8SLVP1208 Datasheet
1,012Kb / 25P
Low Phase Noise, 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
May 20, 2021
8SLVP1212 RENESAS-8SLVP1212 Datasheet
1Mb / 24P
Low Phase Noise, 1-to-12, 3.3V, 2.5V LVPECL Output Fanout Buffer
MAY 20, 2021
8SLVP2104 RENESAS-8SLVP2104 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-4, 3.3V, 2.5V LVPECL Output Fanout Buffer
January 15, 2019
8SLVP2108 RENESAS-8SLVP2108 Datasheet
1Mb / 23P
Low Phase Noise, Dual 1-to-8, 3.3V, 2.5V LVPECL Output Fanout Buffer
January 15, 2019
8SLVP2102 RENESAS-8SLVP2102 Datasheet
1Mb / 24P
Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
8SLVP2106 RENESAS-8SLVP2106 Datasheet
1Mb / 25P
Low Phase Noise, Dual 1-to-6, 3.3V, 2.5V LVPECL Output Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com