Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8SLVP2102 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 8SLVP2102
Description  Low Phase Noise, Dual 1-to-2, 3.3V, 2.5V LVPECL Output Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8SLVP2102 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 8SLVP2102_V01 Datasheet HTML 15Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 16Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 17Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 18Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 19Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 20Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 21Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 22Page - Renesas Technology Corp 8SLVP2102_V01 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
1.70
3.30
2.20
3.30
1.70
(PCB Top View, NSMD Design)
0.35
0.35
Seating Plane
Package
Outline
3.00 ±0.10
3.00 ±0.10
Pin 1 ID
TOP VIEW
BOTTOM VIEW
(0.25)
0.40 ±0.10
1.70 ±0.10
1.70 ±0.10
0.50
SIDE VIEW
0.08 C
0.25
0.50
RECOMMENDED LAND PATTERN
0.90 ±0.10
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for references only.
C
(0.20)
0.05 Max
0.25
1
4
5
8
9
12
13
16
© Renesas Electronics Corporation
Package Outline Drawing
PSC-4169-02
NLG16P2
16-VFQFPN 3.0 x 3.0 x 0.9 mm Body, 0.5mm Pitch
Rev.07, Apr 17, 2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com