Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB-T67S Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # LCB-T67S
Description  TOPLED®
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCB-T67S Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button LCB-T67S Datasheet HTML 4Page - ams-OSRAM AG LCB-T67S Datasheet HTML 5Page - ams-OSRAM AG LCB-T67S Datasheet HTML 6Page - ams-OSRAM AG LCB-T67S Datasheet HTML 7Page - ams-OSRAM AG LCB-T67S Datasheet HTML 8Page - ams-OSRAM AG LCB-T67S Datasheet HTML 9Page - ams-OSRAM AG LCB-T67S Datasheet HTML 10Page - ams-OSRAM AG LCB-T67S Datasheet HTML 11Page - ams-OSRAM AG LCB-T67S Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LCB T67S CoD blue IB
DATASHEET
DATASHEET
8 | Version 1.6 | 2022-08-04
Group
Cx
Cy
6J
0.1980
0.2910
0.2039
0.2904
0.2000
0.2746
0.1941
0.2753
6K
0.1893
0.2920
0.1980
0.2910
0.1941
0.2753
0.1853
0.2762
6L
0.1834
0.2926
0.1893
0.2920
0.1853
0.2762
0.1795
0.2769
Group
Cx
Cy
7J
0.2020
0.3068
0.2078
0.3061
0.2039
0.2904
0.1980
0.2910
7K
0.1932
0.3078
0.2020
0.3068
0.1980
0.2910
0.1893
0.2920
7L
0.1874
0.3084
0.1932
0.3078
0.1893
0.2920
0.1834
0.2926
Group
Cx
Cy
8J
0.2059
0.3225
0.2118
0.3219
0.2078
0.3061
0.2020
0.3068
8K
0.1971
0.3235
0.2059
0.3225
0.2020
0.3068
0.1932
0.3078
8L
0.1913
0.3242
0.1971
0.3235
0.1932
0.3078
0.1874
0.3084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com