Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB-T67S Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LCB-T67S
Description  TOPLED®
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LCB-T67S Datasheet(HTML) 2 Page - ams-OSRAM AG

  LCB-T67S Datasheet HTML 1Page - ams-OSRAM AG LCB-T67S Datasheet HTML 2Page - ams-OSRAM AG LCB-T67S Datasheet HTML 3Page - ams-OSRAM AG LCB-T67S Datasheet HTML 4Page - ams-OSRAM AG LCB-T67S Datasheet HTML 5Page - ams-OSRAM AG LCB-T67S Datasheet HTML 6Page - ams-OSRAM AG LCB-T67S Datasheet HTML 7Page - ams-OSRAM AG LCB-T67S Datasheet HTML 8Page - ams-OSRAM AG LCB-T67S Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LCB T67S CoD blue IB
DATASHEET
DATASHEET
2 | Version 1.6 | 2022-08-04
TOPLED®
LCB T67S CoD blue
IB
TOPLED, SMT LED with integrated reflector. With our great ex-
perience in SMT LED we are able to offer a high quality product
for all kind of applications.
Applications
- Ambient Lighting
- Automotive Aftermarket
Features
- Package: white PLCC-2 package, colored diffused resin
- Chip technology: InGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.2, Cy = 0.3 acc. to CIE 1931 (● color on demand blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com