Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD6288 Datasheet(PDF) 13 Page - Fortior Technology Co., Ltd.

Part # FD6288
Description  3-PHASE BRIDGE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTIORTECH [Fortior Technology Co., Ltd.]
Direct Link  https://www.fortiortech.com/en/
Logo FORTIORTECH - Fortior Technology Co., Ltd.

FD6288 Datasheet(HTML) 13 Page - Fortior Technology Co., Ltd.

Back Button FD6288 Datasheet HTML 9Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 10Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 11Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 12Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 13Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 14Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 15Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 16Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 17Page - Fortior Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
FD6288T&Q
REV_1.3
13 / 17
www.fortiortech.com
Figure 15A Turn Off Time vs Supply Voltage
Figure 15B Turn Off Time vs Temperature
Figure16A Turn On Rise Time vs Supply Voltage
Figure 16B Turn On Rise Time vs Temperature
Figure 17A Turn Off Fall Time vs Supply Voltage
Figure 17B Turn Off Fall Time vs Temperature
0
50
100
150
200
250
10
12
15
18
20
Typ.
Max.
0
50
100
150
200
250
-40
-25
0
25
50
75
100 125
Typ.
Max.
0
10
20
30
40
50
10
12
15
18
20
Typ.
Max.
0
10
20
30
40
50
-40
-25
0
25
50
75
100 125
Typ.
Max.
0
10
20
30
40
50
10
12
15
18
20
Typ.
Max.
0
10
20
30
40
50
-40
-25
0
25
50
75
100 125
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com