Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD6288 Datasheet(PDF) 10 Page - Fortior Technology Co., Ltd.

Part # FD6288
Description  3-PHASE BRIDGE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTIORTECH [Fortior Technology Co., Ltd.]
Direct Link  https://www.fortiortech.com/en/
Logo FORTIORTECH - Fortior Technology Co., Ltd.

FD6288 Datasheet(HTML) 10 Page - Fortior Technology Co., Ltd.

Back Button FD6288 Datasheet HTML 6Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 7Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 8Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 9Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 10Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 11Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 12Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 13Page - Fortior Technology Co., Ltd. FD6288 Datasheet HTML 14Page - Fortior Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FD6288T&Q
REV_1.3
10 / 17
www.fortiortech.com
Figure 6A VBS Undervoltage Threshold(+)
Figure 6B VBS Undervoltage Threshold(-)
vs Temperature
vs Temperature
Figure 7A Logic “1” Input Voltage vs Supply Voltage
Figure 7B Logic “1” Input Voltage vs Temperature
Figure 8A Logic “0” Input Voltage vs Supply Voltage
Figure 8B Logic “0” Input Voltage vs Temperature
0
1
2
3
4
5
6
-40
-25
0
25
50
75
100
125
Typ.
Max.
Min.
0
1
2
3
4
5
6
-40
-25
0
25
50
75
100
125
Typ.
Max.
Min.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
10
12
15
18
20
Min.
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
-25
0
25
50
75
100 125
Min.
0
0.8
1.6
2.4
3.2
4
10
12
15
18
20
Max.
0
0.8
1.6
2.4
3.2
4
-40
-25
0
25
50
75
100 125
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com