Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310K8U6 Datasheet(PDF) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310K8U6
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310K8U6 Datasheet(HTML) 39 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310K8U6 Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
GD32F310xx Datasheet
38
3.13
Universal synchronous asynchronous receiver transmitter
(USART)
Up to two USARTs with operating frequency up to 4.5 MB/s
Supports both asynchronous and clocked synchronous serial communication modes
IrDA SIR encoder and decoder support
LIN break generation and detection
ISO 7816-3 compliant smart card interface
The USART (USART0, USART1) are used to translate data between parallel and serial
interfaces, provides a flexible full duplex data exchange using synchronous or asynchronous
transfer. It is also commonly used for RS-232 standard communication. The USART includes
a programmable baud rate generator which is capable of dividing the system clock to produce
a dedicated clock for the USART transmitter and receiver. The USART also supports DMA
function for high speed data communication.
3.14
Inter-IC sound (I2S)
One I2S bus Interfaces with sampling frequency from 8 KHz to 192 KHz, multiplexed with
SPI0
Support either master or slave mode
The Inter-IC sound (I2S) bus provides a standard communication interface for digital audio
applications by 3-wire serial lines. GD32F310xx contain an I2S-bus interface that can be
operated with 16/32 bit resolution in master or slave mode,
pin multiplexed with SPI0. The
audio sampling frequency from 8 KHz to 192 KHz is supported with less than 0.5% accuracy
error.
3.15
Debug mode
Serial wire debug port (SW-DP)
Debug capabilities can be accessed by a debug tool via serial wire
.
3.16
Package and operation temperature
LQFP48 (GD32F310Cx), LQFP32 (GD32F310KxT6), QFN32 (GD32F310KxU6), QFN28
(GD32F310GxU6) and TSSOP20 (GD32F310FxP6)
Operation temperature range: -40°C to +85°C for grade 6 devices (industrial level), or –
40 to +105 °C for grade 7 devices
(industrial level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com