Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F310K8U6 Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310K8U6
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310K8U6 Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310K8U6 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310K8U6 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
GD32F310xx Datasheet
48
4.5
Power supply supervisor characteristics
Table 4-11. Power supply supervisor characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLVD(1)
Low Voltage Detector
Threshold
LVDT[2:0] = 000, rising edge
—
2.15
—
V
LVDT[2:0] = 000, falling edge
—
2.04
—
V
LVDT[2:0] = 001, rising edge
—
2.30
—
V
LVDT[2:0] = 001, falling edge
—
2.20
—
V
LVDT[2:0] = 010, rising edge
—
2.44
—
V
LVDT[2:0] = 010, falling edge
—
2.34
—
V
LVDT[2:0] = 011, rising edge
—
2.57
—
V
LVDT[2:0] = 011, falling edge
—
2.46
—
V
LVDT[2:0] = 100, rising edge
—
2.72
—
V
LVDT[2:0] = 100, falling edge
—
2.61
—
V
LVDT[2:0] = 101, rising edge
—
2.86
—
V
LVDT[2:0] = 101, falling edge
—
2.74
—
V
LVDT[2:0] = 110, rising edge
—
3.00
—
V
LVDT[2:0] = 110, falling edge
—
2.88
—
V
LVDT[2:0] = 111, rising edge
—
3.14
—
V
LVDT[2:0] = 111, falling edge
—
3.03
—
V
VLVDhyst(2)
LVD hysteresis
—
—
100
—
mV
VPOR(1)
Power on reset
threshold
—
—
2.38
—
V
VPDR(1)
Power down reset
threshold
—
1.84
—
V
VPDRhyst(2)
PDR hysteresis
—
600
—
mV
tRSTTEMPO(2)
Reset temporization
—
2
—
ms
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
4.6
Electrical sensitivity
The device is strained in order to determine its performance in terms of electrical sensitivity.
Electrostatic discharges (ESD) are applied directly to the pins of the sample. Static latch-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com