Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F800 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Appendix B, Rev. 2
Freescale Semiconductor
B-1
Appendix B
56F827EVM Bill of Material
Qty.
Description
Ref. Designators
Vendor Part #s
Integrated Circuits
1
DSP56F827FG80
U1
Freescale, DSP56F827FG80
1
GS72116
U2
GSI, GS72116TP-12
1
MAX3245
U3
Maxim, MAX3245EEAI
1
AT45DB011
U4
Atmel, AT45DB011-SC
1
CS4218
U5
Crystal Semiconductor, CS4218-KQ
1
LM4880
U6
National Semiconductor, LM4880M
1
12.288MHZ OSC
U7
Epson, SG-531P-12.288MC
1
74LCX244
U8
ON Semiconductor, MC74LCX244ADW
1
74AC00
U9
Fairchild, 74AC00SC
1
+3.3V Voltage Regulator
U10
ON Semiconductor, MC33269DT-3.3
1
74AC04
U11
ON Semiconductor, MC74AC04AD
1
+2.5V Voltage Regulator
U13
ON Semiconductor, MC33269DT-ADJ
1
+5.0V Voltage Regulator
U14
ON Semiconductor, MC33269DT-5
Resistors
110M
R1
SMEC, RC73L2A10MOHMJT
1
470
R2
SMEC, RC73L2A470OHMJT
11
270
R3, R6, R9, R11, R13 - R19
SMEC, RC73L2A270OHMJT
10
47K
R4, R5, R7, R8, R10, R12, R26 - R29
SMEC, RC73L2A47KOHMJT
4
5.1K
R20, R23 - R25
SMEC, RC73L2A5.1KOHMJT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com