Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F800 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 56F800
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F800 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 56F800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F800 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Technical Summary, Rev. 2
Freescale Semiconductor
2-1
Chapter 2
Technical Summary
The 56F827EVM is designed as a versatile controller development card for developing
real-time software and hardware products to support a new generation of applications in
digital and wireless messaging, digital answering machines, feature phones, modems, and
digital cameras. The power of the 16-bit 56F827 controller, combined with the on-board
64K
16-bit external program static RAM (SRAM), 64K
16-bit external data SRAM,
RS-232 interface, stereo 16-bit codec interface, Daughter Card Expansion interface and
parallel JTAG interface, makes the 56F827EVM ideal for developing and implementing
many audio and voice algorithms, as well as for learning the architecture and instruction
set of the 56F827 processor.
The main features of the 56F827EVM, with board and schematic reference designators
include:
•
56F827 16-bit +2.5V/+3.3V controller operating at 80MHz [U1]
•
External fast static RAM (FSRAM) memory [U2], configured as:
— 64K 16 bits of program memory with 0 wait states at 70MHz
— 64K 16 bits of data memory with 0 wait states at 70MHz
•
1M-bit Serial EEPROM [U4]
•
4.00MHz crystal oscillator for controller frequency generation [Y1]
•
Optional external oscillator frequency input connector [JG4 and JG5]
•
Joint Test Action Group (JTAG) port interface connector for an external debug
Host Target Interface [J3]
•
On-board Parallel JTAG Host Target Interface, with a connector for a PC printer
port cable [P2]
•
RS-232 interface for easy connection to a host processor [U3 and P3]
•
16-bit stereo codec interface [U5, P4 and P5]
•
Stereo headphone interface [U6 and P6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com