Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC08B-I/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC08B-I/P
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B-I/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC08B-I/P Datasheet HTML 9Page - Microchip Technology 24LC08B-I/P Datasheet HTML 10Page - Microchip Technology 24LC08B-I/P Datasheet HTML 11Page - Microchip Technology 24LC08B-I/P Datasheet HTML 12Page - Microchip Technology 24LC08B-I/P Datasheet HTML 13Page - Microchip Technology 24LC08B-I/P Datasheet HTML 14Page - Microchip Technology 24LC08B-I/P Datasheet HTML 15Page - Microchip Technology 24LC08B-I/P Datasheet HTML 16Page - Microchip Technology 24LC08B-I/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
 2002-2021 Microchip Technology Inc.
DS20001710N-page 13
24AA08/24LC08B/24FC08
8.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
client address is set to ‘
1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24XX08 contains an Address Pointer that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous access (either a read or write operation) was
to address n, the next current address read operation
would access data from address n+ 1. Upon receipt
of the client address with R/W bit set to ‘
1’, the 24XX08
issues an Acknowledge and transmits the 8-bit data
word. The host will not acknowledge the transfer, but
does generate a Stop condition and the 24XX08
discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the host to access any
memory location in a random manner. To perform this
type of read operation, the word address must first be
set. This is accomplished by sending the word address
to the 24XX08 as part of a write operation. Once the
word address is sent, the host generates a Start
condition following the Acknowledge. This terminates
the write operation, but not before the internal Address
Pointer is set. The host then issues the control byte
again, but with the R/W bit set to a ‘
1’. The 24XX08 will
then issue an Acknowledge and transmits the 8-bit data
word. The host will not acknowledge the transfer, but
does generate a Stop condition and the 24XX08
discontinues transmission (Figure 8-2).
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read or current read, except that once the
24XX08 transmits the first data byte, the host issues an
Acknowledge (as opposed to a Stop condition in a
random read). This directs the 24XX08 to transmit the
next sequentially addressed 8-bit word (Figure 8-3).
To provide sequential reads the 24XX08 contains an
internal Address Pointer which is incremented by one
at the completion of each operation. This Address
Pointer allows the entire memory contents to be serially
read during one operation.
8.4
Noise Protection
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
FIGURE 8-1:
CURRENT ADDRESS READ
SP
Bus Activity
Host
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data (n)
A
C
K
N
o
A
C
K
S
T
A
R
T
Block
Select
Bits
x = “don’t care”
101 0 x B1 B0 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com