Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC08B-I/P Datasheet(PDF) 15 Page - Microchip Technology

Part # 24LC08B-I/P
Description  8K I2C Serial EEPROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC08B-I/P Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24LC08B-I/P Datasheet HTML 11Page - Microchip Technology 24LC08B-I/P Datasheet HTML 12Page - Microchip Technology 24LC08B-I/P Datasheet HTML 13Page - Microchip Technology 24LC08B-I/P Datasheet HTML 14Page - Microchip Technology 24LC08B-I/P Datasheet HTML 15Page - Microchip Technology 24LC08B-I/P Datasheet HTML 16Page - Microchip Technology 24LC08B-I/P Datasheet HTML 17Page - Microchip Technology 24LC08B-I/P Datasheet HTML 18Page - Microchip Technology 24LC08B-I/P Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
 2002-2021 Microchip Technology Inc.
DS20001710N-page 15
24AA08/24LC08B/24FC08
9.0
PACKAGING INFORMATION
9.1
Package Marking Information*
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
8-Lead SOIC (3.90 mm)
XXXXXXXX
XXXXYYWW
NNN
24LC08B
I/P
13F
2121
3
e
8-Lead 2x3 DFN
Example
XXX
YWW
NN
244
121
13
8-Lead MSOP
Example
4L8BI
12113F
XXXXXX
YWWNNN
Example
13F
24LC08BI
SN
2121
3
e
5-Lead SOT-23 (1-Line Marking)
Example
M413
XXNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com