Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75189DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75189DR
Description  QUADRUPLE LINE RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75189DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75189DR Datasheet HTML 2Page - Texas Instruments SN75189DR Datasheet HTML 3Page - Texas Instruments SN75189DR Datasheet HTML 4Page - Texas Instruments SN75189DR Datasheet HTML 5Page - Texas Instruments SN75189DR Datasheet HTML 6Page - Texas Instruments SN75189DR Datasheet HTML 7Page - Texas Instruments SN75189DR Datasheet HTML 8Page - Texas Instruments SN75189DR Datasheet HTML 9Page - Texas Instruments SN75189DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
90%
50%
10%
tTHL
tTLH
tPLH
10%
50%
90%
VOL
VOH
0 V
4 V
≤10 ns
10%
50%
90%
tPHL
10%
50%
≤10 ns
VCC
Pulse
Generator
(see Note A)
(see Note B)
CL = 15 pF
See Note C
RL
Output
90%
Open
Control
Response
TEST CIRCUIT
VOLTAGE WAVEFORMS
Input
Output
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, tw = 500 ns.
B. CL includes probe and jig capacitances.
C. All diodes are 1N3064 or equivalent.
Figure 4. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com