Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75189DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75189DR
Description  QUADRUPLE LINE RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75189DR Datasheet(HTML) 1 Page - Texas Instruments

  SN75189DR Datasheet HTML 1Page - Texas Instruments SN75189DR Datasheet HTML 2Page - Texas Instruments SN75189DR Datasheet HTML 3Page - Texas Instruments SN75189DR Datasheet HTML 4Page - Texas Instruments SN75189DR Datasheet HTML 5Page - Texas Instruments SN75189DR Datasheet HTML 6Page - Texas Instruments SN75189DR Datasheet HTML 7Page - Texas Instruments SN75189DR Datasheet HTML 8Page - Texas Instruments SN75189DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Input Resistance...3 kΩ to 7 kΩ
D Input Signal Range... ±30 V
D Operate From Single 5-V Supply
D Built-In Input Hysteresis (Double
Thresholds)
D Response Control that Provides:
Input Threshold Shifting
Input Noise Filtering
D Meet or Exceed the Requirements of
TIA / EIA-232-F and ITU Recommendation
V.28
D Fully Interchangeable With Motorola™
MC1489 and MC1489A
description
These devices are monolithic low-power Schottky
quadruple line receivers designed to satisfy the
requirements of the standard interface between
data-terminal equipment and data-communica-
tion equipment as defined by TIA / EIA-232-F. A
separate response-control (CONT) terminal is
provided for each receiver. A resistor or a resistor
and bias-voltage source can be connected
between this terminal and ground to shift the input
threshold levels. An external capacitor can be
connected between this terminal and ground to
provide input noise filtering.
The SN55189 and SN55189A are characterized
for operation over the full military temperature
range of – 55
°C to 125°C. The MC1489,
MC1489A,
SN75189,
and
SN75189A
are
characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Motorola is a trademark of Motorola, Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1CONT
1Y
2A
2CONT
2Y
GND
VCC
4A
4CONT
4Y
3A
3CONT
3Y
SN55189, SN55189A ...J OR W PACKAGE
MC1489, MC1489A, SN75189, SN75189A
D, N, OR NS† PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4CONT
NC
4Y
NC
3A
1Y
NC
2A
NC
2CONT
SN55189, SN55189A . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
† The NS package is only available left-end taped and reeled.
For SN75189, order SN75189NSR.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN75189DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75189DR TI-SN75189DR Datasheet
557Kb / 18P
QUADRUPLE LINE RECEIVERS
SN75189DR TI1-SN75189DR Datasheet
1Mb / 26P
QUADRUPLE LINE RECEIVERS
SN75189DRE4 TI-SN75189DRE4 Datasheet
557Kb / 18P
QUADRUPLE LINE RECEIVERS
More results

Similar Description - SN75189DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
MC1489 TI-MC1489 Datasheet
149Kb / 10P
QUADRUPLE LINE RECEIVERS
SN55173 TI-SN55173 Datasheet
155Kb / 11P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
74284 TI-74284 Datasheet
557Kb / 18P
QUADRUPLE LINE RECEIVERS
NTE75189 TI1-NTE75189 Datasheet
1Mb / 22P
QUADRUPLE LINE RECEIVERS
MC1489 TI1-MC1489_18 Datasheet
1Mb / 26P
QUADRUPLE LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com