Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL02X1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9FGL02X1
Description  9FGL02x1/04x1/06x1/08x1D 3.3V PCIe Gen1–7 Clock Generator Family
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL02X1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9FGL02X1 Datasheet HTML 17Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 18Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 19Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 20Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 21Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 22Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 23Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 24Page - Renesas Technology Corp 9FGL02X1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
R31DS0112EU0108 Rev.1.08
Page 21
Jun 5, 2026
9FGL02x1/04x1/06x1/08x1D Datasheet
6. Crystal Characteristics
Table 20. Recommended Crystal Characteristics
Parameter
Value
Unit
Frequency [1]
25
MHz
Resonance Mode
Fundamental
-
Frequency Tolerance at 25°C
±20
ppm maximum
Frequency Stability, reference at 25°C over operating temperature range
±20
ppm maximum
Temperature Range (industrial)
-40 to +85
°C
Temperature Range (commercial)
0 to +70
°C
Equivalent Series Resistance (ESR)
50
Ω maximum
Shunt Capacitance (CO)
7
pF maximum
Load Capacitance (CL)
8
pF maximum
Drive Level
0.1
mW maximum
Aging per year
±5
ppm maximum
1. When driven by an external oscillator via the XIN/CLKIN_25 pin, X2 should be floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com