Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-R25 Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 27Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 28Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 29Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 30Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
A22
26
Square Pushbutton/Indicator
• Square Pushbutton/Indicator
Insert the protruding tip of the Cap Puller (A3PJ-5080) into the Cap
slot, hold the plate spring, and pull them to remove the Color Cap.
• Mounting the Color Cap:
Mount the Color Cap on the flange and firmly push the Color Cap.
When the Color Cap is inserted, check whether it operates properly.
When replacing the Lamp, remove the Color Cap and diffusion
plate with fingers or Cap Puller.
Attach the Character Film properly so that it fits inside the
protruding part of the diffusion plate. Then, match the diffusion plate
to the square flange and insert the Cap.
Emergency Stop Switch
• Insert the protrusion of the Tightening Wrench (A22Z-3905) into the
Cap slot and then turn to remove the Cap.
Installing/Replacing the Lamp
Installing/Replacing from the Panel Surface
• Insert the Lamp Extractor (A22Z-3901) into the lamp, then rotate
the Extractor while pressing it.
Installing/Replacing on the Switch
• Grip the lamp with your fingers, then rotate the lamp while pressing
it against the Switch.
Control Box (Enclosure)
Mounting the Switch
The Standard-size Legend Plate Frame can be mounted. Mount the
Frame as shown in the following diagram. Mount the Switch in the
same way as for an ordinary panel.
Creating a Cable Port Hole
Place the tip of a screwdriver on the surface where the cable port hole
is to be created with the cover attached and strike the screwdriver with
a hammer to punch four holes.
Plate spring
Flange
Diffusion plate
Character Film
Color Cap
Snap-in Legend Plate
Switch box
Screwdriver
Groove
Side
Make four holes
in diagonal lines.
Cover
Cable port hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com