Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-R25 Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 25Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 26Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 27Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 28Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 29Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 30Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
A22
28
Affixing Character Film
• Hold the Cap, remove the cardboard on the Film, and attach the
Film to the Cap. Make sure that the protruding portions of the Cap
engage he cutout portions of the Film and that the characters are
aligned parallel to the imaginary line connecting the two protruding
portions to the left and right of the Cap.
Mounting and Dismounting Snap-in Legend
• Press and secure the Snap-in Legend Plate onto the Legend Plate
Frame.
• The direction of the characters will vary with the mounting direction
of the control panel if the Switch is a knob or key selector model.
• To easily remove the Snap-in Legend Plate from the Legend Plate
Frame mounted to the panel, insert a Tool with a thin tip into the
space between the Snap-in Legend Plate and the Legend Plate
Frame.
• The Snap-in Legend Plate is easily removed by pressing the Snap-
in Legend Plate from the back of the Legend Plate Frame.
• The Legend Plate Frame is made of acrylic resin, which is easily
damaged by shock. Be sure to handle the Legend Plate Frame with
care.
Engraving Method
Material: Acrylic
• Engrave the characters directly on the matted side of the Snap-in
Legend Plate.
• The characters must be engraved no deeper than 0.5 mm.
• Apply alcohol-based paint coating to the engraved characters.
• If the Snap-in Legend Plate is transparent, engrave the mirror-
written characters on the back of the Snap-in Legend Plate and
apply paint coating to the characters. Then apply paint coating of a
different color to the remaining part of the Snap-in Legend Plate.
Mounting Three-throw Spacer
Press and secure the two protruding portions of the Three-throw
Spacer to the two indented portions of the inner side of the control
panel.
Protruding portions on Cap
Remove the
cardboard.
Legend Plate Frame
Snap-in Legend Plate
Concave surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com