| Electronic Components Datasheet Search |
|
MPC855TCZQ66D4 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC855TCZQ66D4 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
|
6 / 80 page ![]() MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8 6 Freescale Semiconductor Features — Allows dynamic changes — Can be internally connected to six serial channels (four SCCs and two SMCs) • Parallel interface port (PIP) — Centronics interface support — Supports fast connection between compatible ports on the MPC860 or the MC68360 • PCMCIA interface — Master (socket) interface, release 2.1 compliant — Supports two independent PCMCIA sockets — Supports eight memory or I/O windows • Low power support — Full on—all units fully powered — Doze—core functional units disabled except time base decrementer, PLL, memory controller, RTC, and CPM in low-power standby — Sleep—all units disabled except RTC and PIT, PLL active for fast wake up — Deep sleep—all units disabled including PLL except RTC and PIT — Power down mode—all units powered down except PLL, RTC, PIT, time base, and decrementer • Debug interface — Eight comparators: four operate on instruction address, two operate on data address, and two operate on data — Supports conditions: = ≠ <> — Each watchpoint can generate a break-point internally. • 3.3-V operation with 5-V TTL compatibility except EXTAL and EXTCLK • 357-pin ball grid array (BGA) package |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |