Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI2K Datasheet(PDF) 66 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 66 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 62Page - STMicroelectronics LRI2K Datasheet HTML 63Page - STMicroelectronics LRI2K Datasheet HTML 64Page - STMicroelectronics LRI2K Datasheet HTML 65Page - STMicroelectronics LRI2K Datasheet HTML 66Page - STMicroelectronics LRI2K Datasheet HTML 67Page - STMicroelectronics LRI2K Datasheet HTML 68Page - STMicroelectronics LRI2K Datasheet HTML 69Page - STMicroelectronics LRI2K Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 89 page
background image
Commands codes
LRI2K
66/89
20.17
Lock Kill
On receiving the Lock Kill command, the LRI2K locks the Kill code permanently. The
Option_flag is supported. RFU bit 8 of the request flag must be set to ‘1’.
During the write cycle tW, there should be no modulation (neither 100% nor 10%).
Otherwise, the LRI2K may not lock the memory block correctly. The tW time is equal to
t1nom + 18 × 302 µs.
Request parameters:
(Optional) UID
Kill Address (bit 8 = ‘1’: 00h = KILL, other = Error)
Protect status (see table below)
Response parameter:
No parameter.
Response parameter:
Error code as Error_flag is set:
10h: block address not available
11h: block is locked
14h: block not locked
Table 69.
Lock Kill request format
Request
SOF
Request_
flags
Lock
Kill
IC Mfg
code
UID
Kill
access
Protect
Status
CRC16
Request
EOF
8 bits
B2h
02h
64 bits
00f
8 bits
16 bits
b7
b6
b5
b4
b3
b2
b1
b0
00
000
001
Table 70.
Lock Kill response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
8 bits
16 bits
Table 71.
Lock Kill response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com