Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI2K Datasheet(PDF) 30 Page - STMicroelectronics

Part # LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 26Page - STMicroelectronics LRI2K Datasheet HTML 27Page - STMicroelectronics LRI2K Datasheet HTML 28Page - STMicroelectronics LRI2K Datasheet HTML 29Page - STMicroelectronics LRI2K Datasheet HTML 30Page - STMicroelectronics LRI2K Datasheet HTML 31Page - STMicroelectronics LRI2K Datasheet HTML 32Page - STMicroelectronics LRI2K Datasheet HTML 33Page - STMicroelectronics LRI2K Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
LRI2K protocol description
LRI2K
30/89
10
LRI2K protocol description
The transmission protocol (or simply protocol) defines the mechanism used to exchange
instructions and data between the VCD and the LRI2K, in both directions. It is based on the
concept of "VCD talks first".
This means that an LRI2K will not start transmitting unless it has received and properly
decoded an instruction sent by the VCD. The protocol is based on an exchange of:
a request from the VCD to the LRI2K
a response from the LRI2K to the VCD
Each request and each response are contained in a frame. The frame delimiters (SOF,
EOF) are described in Section 6: LRI2K to VCD frames.
Each request consists of:
a request SOF (see Figure 9 and Figure 10)
flags
a command code
parameters, depending on the command
application data
a 2-byte CRC
a request EOF (see Figure 11)
Each response consists of:
an answer SOF (see Figure 24 to Figure 29)
flags
parameters, depending on the command
application data
a 2-byte CRC
an Answer EOF (see Figure 30 to Figure 35)
The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight
(8), i.e. an integer number of bytes.
A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is
transmitted least significant byte (LSByte) first, with each byte transmitted least significant
bit (LSBit) first.
The setting of the flags indicates the presence of the optional fields. When the flag is set (to
one), the field is present. When the flag is reset (to zero), the field is absent.
Table 7.
VCD request frame format
Request SOF Request Flags
Command
code
Parameters
Data
2 byte CRC
Request
EOF
Table 8.
LRI2K response frame format
Response
SOF
Response
Flags
Parameters
Data
2 byte CRC
Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com