Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57070 Datasheet(PDF) 3 Page - STMicroelectronics

Part # PD57070
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070 Datasheet(HTML) 3 Page - STMicroelectronics

  PD57070 Datasheet HTML 1Page - STMicroelectronics PD57070 Datasheet HTML 2Page - STMicroelectronics PD57070 Datasheet HTML 3Page - STMicroelectronics PD57070 Datasheet HTML 4Page - STMicroelectronics PD57070 Datasheet HTML 5Page - STMicroelectronics PD57070 Datasheet HTML 6Page - STMicroelectronics PD57070 Datasheet HTML 7Page - STMicroelectronics PD57070 Datasheet HTML 8Page - STMicroelectronics PD57070 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
PD57070 - PD57070S
TYPICAL PERFORMANCE
(PD55070S)
Output Power vs. Input Power
0
10
20
30
40
50
60
70
80
90
01
234
Pin (W )
Vdd = 28 V
Idq = 250 m A
960 MHz
945 MHz
890 MHz
925 MHz
Power Gain vs. Output Power
8
10
12
14
16
18
0
2040
6080
100
P out (W )
Vdd = 28 V
Idq = 250 m A
960 MHz
925 MHz
890 MHz
945 MHz
Efficiency vs. Output Power
0
10
20
30
40
50
60
0
2040
6080
100
P out (W )
Vdd = 28 V
Idq = 250 m A
890 MHz
925 MHz
945, 960 MHz
Gate-Source Voltage vs. Case Temperature
0.97
0.98
0.99
1
1.01
1.02
-25
0
25
50
75
100
Tc (°C )
ID = 2 A
ID = 3 A
ID = 4 A
ID = 5 A
ID = 6 A
Capacitance vs.Supply Voltage
1
10
100
1000
0
4
8
12
16
20
24
28
Vdd (V)
f = 1 MHz
Crs s
Cos s
Cis s
Drain Current vs. Gate-Surce Voltage
0
1
2
3
4
5
6
7
8
123
456
Vgs (V)
Vds = 1 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com