Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57070 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD57070
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070 Datasheet(HTML) 4 Page - STMicroelectronics

  PD57070 Datasheet HTML 1Page - STMicroelectronics PD57070 Datasheet HTML 2Page - STMicroelectronics PD57070 Datasheet HTML 3Page - STMicroelectronics PD57070 Datasheet HTML 4Page - STMicroelectronics PD57070 Datasheet HTML 5Page - STMicroelectronics PD57070 Datasheet HTML 6Page - STMicroelectronics PD57070 Datasheet HTML 7Page - STMicroelectronics PD57070 Datasheet HTML 8Page - STMicroelectronics PD57070 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PD57070 - PD57070S
4/13
TYPICAL PERFORMANCE
(PD55070S)
Efficiency vs. Bias Current
0
10
20
30
40
50
60
0
500
1000
1500
2000
2500
Idq (m A)
Vdd = 28 V
P in = 2.8 W
890 MHz
945 MHz
925 MHz
960 MHz
Output Power vs. Supply Voltage
0
10
20
30
40
50
60
70
80
12
14
16
18
20
22
24
26
28
30
Vdd (V)
Idq = 250 m A
P in = 2.8 W
960 MHz
890,925 MHz
945 MHz
Efficiency vs. Supply Voltage
0
10
20
30
40
50
60
12
14
16
18
20
22
24
26
28
30
Vdd (V)
Idq = 250 m A
Pin = 2.8 W
890 MHz
960 MHz
925, 945 MHz
Output Power vs. Bias Current
0
20
40
60
80
100
0
500
1000
1500
2000
2500
Idq (m A)
Vdd = 28 V
Pin = 2.8 W
960 MHz
890, 925 MHz
945 MHz
Output Power vs. Gate-Source Voltage
0
10
20
30
40
50
60
70
80
90
100
012
34
5
Vgs (V)
Vdd = 28 V
Idq = 250 m A
P in = 2.8 W
960 MHz
945 MHz
890 MHz
925 MHz
Input Return Loss vs. Output Power
-30
-25
-20
-15
-10
-5
0
0
2040
6080
100
Pout (W )
Vdd = 28 V
Idq = 250 m A
890 MHz
925 MHz
945 MHz
960 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com