| Electronic Components Datasheet Search |
|
DA7282-00FVC Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA7282-00FVC Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 75 page ![]() LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory R15DS0041EE0330 Rev.3.30 June 16, 2026 CFR0011-120-00 Page 32 6.6.6 Events and Diagnostics DA7282 supports a comprehensive system for device, supply, and actuator diagnostics based on faults, warnings, and notifications. Faults return DA7282 to IDLE state and hold the system in IDLE until cleared, while warnings and notifications are used for host information only. If events are generated, the host is notified by the open-drain nIRQ pin pulling low. A single IRQ_EVENT1 byte containing all faults is presented to the host for simplified signaling. Warnings are reported via IRQ_EVENT_WARNING_DIAG and input data faults via IRQ_EVENT_SEQ_DIAG. Table 13 provides a summary of the full array of faults: Table 13. Haptic event flag descriptions Event Name Description Required action Faults E_OC_FAULT Short circuit / over-current fault Write 1 to clear E_ACTUATOR_FAULT An issue detected with the actuator impedance, BEMF amplitude, or resonant frequency Write 1 to clear E_SEQ_FAULT Sequence ID, Waveform Memory, or PWM fault has occurred Read IRQ_EVENT_SEQ_DIAG for diagnostic information E_OVERTEMP_CRIT Over-temperature event Write 1 to clear E_UVLO Under-voltage fault Write 1 to clear Notifications E_SEQ_DONE Memory sequence playback is complete Write 1 to clear E_SEQ_CONTINUE Playback of a new sequence has started by the host setting SEQ_CONTINUE Write 1 to clear E_WARNING A system warning is in effect Read warnings in IRQ_EVENT_WARNING_DIAG E_ADC_SAT The input to the voltage sense ADC has saturated Check if V2I_FACTOR_H/L is set correctly for the driven actuator Warnings E_LIM_DRIVE Playback is limited due to battery lower than sequence target Reduce drive level if needed E_LIM_DRIVE_ACC Acceleration is limited due battery lower than overdrive level Reduce drive level if needed E_MEM_TYPE Input memory data type does not match acceleration configuration Check data format Input Data Faults E_SEQ_ID_FAULT Requested sequence ID does not exist Reload PS_SEQ_ID and Waveform Memory E_MEM_FAULT Waveform Memory corruption (empty bytes, non- existent snippet ID, wrong frame parameter) Reload Waveform Memory E_PWM_FAULT PWM timeout Restart PWM interface and write 1 to E_SEQ_FAULT to clear All events are write 1 to clear and can be masked using IRQ_MASK1 and IRQ_MASK2. Some of the sources generating E_ACTUATOR_FAULT can be disabled, for frequency tracking see Section 6.7.1 and for BEMF voltage amplitude see Section 6.7.14. For self-clearing of faults once in IDLE state, see Section 6.7.7. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |