Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE3XF2 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST7LITE3XF2
Description  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 131Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 132Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 133Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 134Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 135Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 136Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 137Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 138Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 173 page
background image
ST7LITE3xF2
135/173
OPERATING CONDITIONS (Cont’d)
Figure 70. Typical accuracy with RCCR=RCCR0 vs VDD= 4.5 to 5.5V and Temperature
Figure 71. Typical RCCR0 vs VDD and Temperature
-1.00%
-0.50%
0.00%
0.50%
1.00%
1.50%
2.00%
2.50%
3.00%
4.5
5
5.5
VDD (V)
-45°C
0°C
25°C
90°C
110°C
130°C
0.9
0.95
1
1.05
1.1
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
VDD supply (V)
-45°C'
0°C'
25°C'
90°C'
110°C'
130°C'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com