Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE3XF2 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST7LITE3XF2
Description  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 132Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 133Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 134Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 135Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 136Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 137Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 138Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 139Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 173 page
background image
ST7LITE3xF2
136/173
OPERATING CONDITIONS (Cont’d)
13.3.1.2 Devices with tested for TA = -40 to +125°C @ VDD = 3.0 to 3.6V
Notes:
1. If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 23.
3. Data based on characterization results, not tested in production
4. Measurement made with RC calibrated at 1MHz.
5. Guaranteed by design.
6. Averaged over a 4ms period. After the LOCKED bit is s et, a period of tSTAB is required to reach ACCPLL accuracy
7. After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 12 on page 24.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
1)
Internal RC oscillator fre-
quency
RCCR = FF (reset value), TA=25°C, VDD= 3.3V
630
kHz
RCCR=RCCR12) ,TA=25°C,VDD= 3.3V
995
1000
1005
ACCRC
Accuracy of Internal RC
oscillator when calibrated
with RCCR=RCCR1 2)3)
TA=25°C, VDD=3.0 to 3.6V
-1
+1
%
TA=-40 to +85°C, VDD=3.0 to 3.6V
-3
+3
TA=-40 to +125°C, VDD=3.0 to 3.6V
-3
+3
IDD(RC)
RC oscillator current con-
sumption
TA=25°C,VDD=3.3V
5003)4)
µA
tsu(RC)
RC oscillator setup time
TA=25°C,VDD=3.3V
102)
µs
fPLL
x4 PLL input clock
1
MHz
tLOCK
PLL Lock time7)
2ms
tSTAB
PLL Stabilization time7)
4ms
ACCPLL
x4 PLL Accuracy
fRC = 1MHz@TA=25°C, VDD=2.7 to 3.3V
0.16)
%
fRC = 1MHz@TA=-40 to +125°C, VDD= 3.3V
0.16)
%
tw(JIT)
PLL jitter period
fRC = 1MHz
85)
kHz
JITPLL
PLL jitter (
∆f
CPU/fCPU)1
5)
%
IDD(PLL)
PLL current consumption TA=25°C
4503)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com