Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE3XF2 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST7LITE3XF2
Description  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 136Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 137Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 138Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 139Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 140Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 141Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 142Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 143Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 173 page
background image
ST7LITE3xF2
140/173
13.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped).
13.4.1 Supply Current
TA = -40 to +125°C unless otherwise specified
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN)
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode
fCPU=8MHz
1), -40°C
≤T
A≤+85°C
6
9
mA
fCPU=8MHz
1), -40°C
≤T
A≤+125°C
10
fCPU=4MHz , -40°C≤TA≤+85°C
2.6
5.6
fCPU=4MHz , -40°C≤TA≤+125°C
fCPU=1MHz , -40°C≤TA≤+85°C
0.8
2.5
fCPU=1MHz , -40°C≤TA≤+125°C
Supply current in WAIT mode
fCPU=8MHz
2) , -40°C
≤T
A≤+85°C
2.4
4
fCPU=8MHz
2) , -40°C
≤T
A≤+125°C
4.5
Supply current in SLOW mode
fCPU=250kHz
3) , -40°C
≤T
A≤+85°C
0.7
1.1
fCPU=250kHz
3) , -40°C
≤T
A≤+125°C
1.5
Supply current in SLOW WAIT mode
fCPU=250kHz
4), -40°C
≤T
A≤+85°C
0.6
1
fCPU=250kHz
4), -40°C
≤T
A≤+125°C
1.4
Supply current in HALT mode5)
-40°C
≤T
A≤+85°C
0.5
10
µA
-40°C
≤T
A≤+125°C
20
Supply current in AWUFH mode 6)7)
-40°C
≤T
A≤+85°C
20
50
-40°C
≤T
A≤+125°C
300
Supply current in ACTIVE HALT mode
-40°C
≤T
A≤+85°C
0.7
1
mA
-40°C
≤T
A≤+125°C
Supply current in RUN mode
fCPU=8MHz
1), -40°C
≤T
A≤+85°C
4.0
7
mA
fCPU=8MHz
1), -40°C
≤T
A≤+125°C
4.0
11
fCPU=4MHz
1.7
4.7
fCPU=1MHz
0.5
2.2
Supply current in WAIT mode
fCPU=8MHz
2), -40°C
≤T
A≤+85°C
1.5
3.1
fCPU=8MHz
2), -40°C
≤T
A≤+125°C
1.5
4.5
Supply current in SLOW mode
fCPU=250kHz
3), -40°C
≤T
A≤+85°C
0.2
0.6
fCPU=250kHz
3), -40°C
≤T
A≤+125°C
0.2
1.5
Supply current in SLOW WAIT mode
fCPU=250kHz
4), -40°C
≤T
A≤+85°C
0.1
0.5
fCPU=250kHz
4), -40°C
≤T
A≤+125°C
0.1
1.4
Supply current in HALT mode5)
-40°C
≤T
A≤+85°C
0.1
1
µA
-40°C
≤T
A≤+125°C
0.1
10
Supply current in AWUFH mode 6)7)
-40°C
≤T
A≤+85°C
9.6
11
-40°C
≤T
A≤+125°C
9.6
300
Supply current in ACTIVE HALT mode
-40°C
≤T
A≤+85°C
0.5
50
mA
-40°C
≤T
A≤+125°C
0.5
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com