Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE3XF2 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST7LITE3XF2
Description  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 146Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 147Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 148Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 149Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 150Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 151Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 152Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 153Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 173 page
background image
ST7LITE3xF2
150/173
I/O PORT PIN CHARACTERISTICS (Cont’d)
13.8.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD.
3. Not tested in production, based on characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
1)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 88)
IIO=+5mA TA≤125°C
0.65
1.0
V
IIO=+2mA TA≤125°C
0.25
0.4
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time (see
Figure 91)
IIO=+20mA,TA≤125°C
1.05
1.3
IIO=+8mA TA≤125°C
0.4
0.75
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 94)
IIO= -5mA,TA≤125°C
VDD-1.5
4.30
IIO= -2mA TA≤125°C
VDD-0.8
4.70
VOL
1)3)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 87)
IIO=+2mA TA≤125°C
0.25
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time (see
Figure 90)
IIO=+8mA TA≤125°C
0.35
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 93)
IIO= -2mA TA≤125°C
3.70
VOL
1)3)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 86)
IIO=+2mA TA≤125°C
0.30
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time (see
Figure 89)
IIO=+8mA TA≤125°C
0.40
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 92)
IIO= -2mA TA≤125°C
2.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com