Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITE3XF2 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST7LITE3XF2
Description  8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI?
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE3XF2 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST7LITE3XF2 Datasheet HTML 147Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 148Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 149Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 150Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 151Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 152Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 153Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 154Page - STMicroelectronics ST7LITE3XF2 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 173 page
background image
ST7LITE3xF2
151/173
Figure 86. Typical VOL at VDD=3V
Figure 87. Typical VOL at VDD=4V
Figure 88. Typical VOL at VDD=5V
Figure 89. Typical VOL at VDD=3V (high-sink)
Figure 90. Typical VOL at VDD=4V (high-sink)
Figure 91. Typical VOL at VDD=5V (high-sink)
Figure 92. Typical VDD-VOH at VDD=3.0V
Figure 93. Typical VDD-VOH at VDD=4.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
1
234
56
lio (mA)
-45°C
25°C
90°C
110°C
130°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
1
234
56
lio (mA)
-45°C
25°C
90°C
110°C
130°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
12
34
56
lio (mA)
-45°C
25°C
90°C
110°C
130°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
510
15
20
lio (mA)
-45°C
25°C
90°C
110°C
130°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
510
15
20
lio (mA)
-45°C
25°C
90°C
110°C
130°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
15
20
lio (m A)
-45°C
25°C
90°C
110°C
130°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-0.01
-1-2-3-4
lio (mA)
-45°C
25°C
90°C
110°C
130°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-0.01
-1
-2
-3-4-5-6
lio (mA)
-45°C
25°C
90°C
110°C
130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com