Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB12C01A Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB12C01A
Description  IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 3Page - Texas Instruments TSB12C01A Datasheet HTML 4Page - Texas Instruments TSB12C01A Datasheet HTML 5Page - Texas Instruments TSB12C01A Datasheet HTML 6Page - Texas Instruments TSB12C01A Datasheet HTML 7Page - Texas Instruments TSB12C01A Datasheet HTML 8Page - Texas Instruments TSB12C01A Datasheet HTML 9Page - Texas Instruments TSB12C01A Datasheet HTML 10Page - Texas Instruments TSB12C01A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TSB21LV03
IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
SLLS230A – MARCH 1996 – REVISED DECEMBER 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
PLLGND
52, 53
Supply
—
PLL circuit ground. The PLLGND terminals should be tied to the low-impedance circuit-board
ground plane.
PLLVDD
58
Supply
—
PLL circuit power. PLLVDD supplies power to the PLL portion of the device. It is recom-
mended that a combination of high-frequency decoupling capacitors be connected to
PLLVDD (i.e., paralleled 0.1 µF and 0.001 µF). Lower frequency 10-µF filtering capacitors
can also be used. These supply terminals are separated from AVDD and DVDD internally in
the device to provide noise isolation. These terminals should also be tied at a low-impedance
point on the circuit board. Individual filtering networks for each is desired.
R0
R1
59
60
—
—
Current setting resistor. An internal reference voltage is applied to a resistor connected be-
tween R0 and R1 to set the operating current and the cable driver output current. A low tem-
perature-coefficient resistor (TCR) 6.3 k
Ω ±5% resistor should be used to meet the IEEE
1394-1995 standard requirements for output voltage limits.
RESET
1
CMOS
I
Reset. When RESET is asserted low (active), a bus reset condition is set on the active cable
ports and the the internal logic is reset to the reset start state. An internal pullup resistor,
which is connected to VDD, is provided so only an external delay capacitor is required. This
input is a standard logic buffer and can also be driven by an open-drain logic output buffer.
The minimum hold time for RESET is listed in the recommended operating characteristics
table.
SYSCLK
9
CMOS
O
System clock. SYSCLK provides a 49.152-MHz clock signal, which is synchronized with the
data transfers to the LLC.
TESTM1
TESTM2
22
21
CMOS
I
Test mode control. TESTM1 and TESTM2 are used during the manufacturing test and
should be tied to VDD.
TPA1+
TPA2+
TPA3+
45
40
36
Cable
O
Portn, port cable pair A. TPAn is the port A connection to the twisted-pair cable. Board traces
from these terminals should be kept matched and as short as possible to the external load
TPA1–
TPA2–
TPA3–
44
39
35
Cable
O
from these terminals should be kept matched and as short as possible to the external load
resistors and to the cable connector.
TPB1+
TPB2+
TPB3+
43
38
34
Cable
O
Portn, port cable pair B. TPBn is the port B connection to the twisted-pair cable. Board traces
from these terminals should be kept matched and as short as possible to the external load
TPB1–
TPB2–
TPB3–
42
37
33
Cable
O
from these terminals should be ke t matched and as short as ossible to the external load
resistors and to the cable connector.
TPBIAS1
TPBIAS2
TPBIAS3
46
47
48
Cable
O
Portn, twisted-pair bias. TPBIASn provides the 1.86-V nominal bias voltage needed for prop-
er operation of the twisted-pair cable drivers and receivers and for sending a valid cable
connection signal to the remote nodes.
VDD–5V
4
Supply
—
5-V VDD supply. VDD–5V should be connected to the LLC VDD supply when a 5-V LLC is
connected to the phy, and it should be connected to the phy DVDD when a 3-V LLC is used.
XI
XO
56
57
—
—
Crystal oscillator. XO and XI connect to a 24.576-MHz parallel resonant fundamental mode
crystal. Although, when a 24.576-MHz crystal oscillator is used, it can be connected to XI
with XO left unconnected. The optimum values for the external shunt capacitors are depen-
dent on the specifications of the crystal used. The suggested values of 12 pF are appropriate
for a crystal with 15-pF specified loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com