Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBO40-40G Datasheet(PDF) 1 Page - STMicroelectronics

Part # RBO40-40G
Description  REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO40-40G Datasheet(HTML) 1 Page - STMicroelectronics

  RBO40-40G Datasheet HTML 1Page - STMicroelectronics RBO40-40G Datasheet HTML 2Page - STMicroelectronics RBO40-40G Datasheet HTML 3Page - STMicroelectronics RBO40-40G Datasheet HTML 4Page - STMicroelectronics RBO40-40G Datasheet HTML 5Page - STMicroelectronics RBO40-40G Datasheet HTML 6Page - STMicroelectronics RBO40-40G Datasheet HTML 7Page - STMicroelectronics RBO40-40G Datasheet HTML 8Page - STMicroelectronics RBO40-40G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RBO40-40G/M/T
®
PowerSO-10
TM
RBO40-40M
PROTECTION AGAINST ”LOAD DUMP” PULSE
40A DIODE TO GUARD AGAINST BATTERY
REVERSAL
MONOLITHIC STRUCTURE FOR GREATER
RELIABILITY
BREAKDOWN VOLTAGE : 24 V min.
CLAMPING VOLTAGE :
± 40 V max.
COMPLIANT WITH ISO / DTR 7637
FEATURES
Designed to protect against battery reversal and
load dump overvoltagesin automotiveapplica-
tions, this monolithic component offers multiple
functions in the same package :
D1 : reversed battery protection
T1 : clamping against negative overvoltages
T2 : Transil function against ”load dump” effect.
DESCRIPTION
FUNCTIONAL DIAGRAM
1
2
3
REVERSEDBATTERYAND
OVERVOLTAGEPROTECTIONCIRCUIT (RBO)
Application Specific Discretes
A.S.D.TM
January 1997 - Ed : 3
D
2PAK
RBO40-40G
TO220AB
RBO40-40T
1/15


Similar Part No. - RBO40-40G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO40-40G STMICROELECTRONICS-RBO40-40G Datasheet
267Kb / 10P
REVERSED BATTERY AND OVERVOLTAGE PROTECTION
Sep-2003
More results

Similar Description - RBO40-40G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RBO08-40G STMICROELECTRONICS-RBO08-40G Datasheet
154Kb / 14P
REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
Jan-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com