Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBO40-40G Datasheet(PDF) 6 Page - STMicroelectronics

Part # RBO40-40G
Description  REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO40-40G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RBO40-40G Datasheet HTML 2Page - STMicroelectronics RBO40-40G Datasheet HTML 3Page - STMicroelectronics RBO40-40G Datasheet HTML 4Page - STMicroelectronics RBO40-40G Datasheet HTML 5Page - STMicroelectronics RBO40-40G Datasheet HTML 6Page - STMicroelectronics RBO40-40G Datasheet HTML 7Page - STMicroelectronics RBO40-40G Datasheet HTML 8Page - STMicroelectronics RBO40-40G Datasheet HTML 9Page - STMicroelectronics RBO40-40G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LOAD DUMP TEST GENERATOR CIRCUIT (SCHAFFNER NSG 506 C). Issued from ISO / DTR 7637.
U(V)
t
0
Vbat
90%
Vs
10%
t
tr
offset
10% / 13.5V
Open circuit (voltage curve)
(pulse test n
°5)
Corresponding current wave with D.U.T.
Ipp
Ipp/2
0
I
tp = 40ms
t
Impulse
N
°5
Vs (V)
66.5
Vbat (V)
13.5
Ri (
Ω)2
t (ms)
200 (*)
tr (ms)
<10
Number
5
60s between each pulse
(*) Generator setting
1) With open circuit (generator is in open circuit):
- calibrate Vs
2) With short circuit (generator is in short circuit):
- calibrate Ri (Ri = 2
Ω)
3) With D.U.T.
- calibrate tp (tp = 40ms @ Ipp/2)
typ. Vpp
V
Bat
20ms/div.
10.0V/div.
Typical Voltage curve (open circuit)
typ. VCL
Ipp
20ms/div.
5.0V/div.
20ms/div.
3A/div.
Typical Voltage and Current curve with D.U.T.
CALIBRATION METHOD FOR SCHAFFNER NSG 506 C
®
RBO40-40G / RBO40-40M / RBO40-40T
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com