Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6040LDFPR Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO6040LDFPR
Description  ISO604x Low Power and Low Propagation Delay, Reinforced, 4-Channel Digital Isolator With 0.635mA / ch, 200Mbps, 9ns tPD , 7ps (RMS) jitter and 1.8V Logic Support
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6040LDFPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO6040LDFPR Datasheet HTML 24Page - Texas Instruments ISO6040LDFPR Datasheet HTML 25Page - Texas Instruments ISO6040LDFPR Datasheet HTML 26Page - Texas Instruments ISO6040LDFPR Datasheet HTML 27Page - Texas Instruments ISO6040LDFPR Datasheet HTML 28Page - Texas Instruments ISO6040LDFPR Datasheet HTML 29Page - Texas Instruments ISO6040LDFPR Datasheet HTML 30Page - Texas Instruments ISO6040LDFPR Datasheet HTML 31Page - Texas Instruments ISO6040LDFPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
7 Parameter Measurement Information
INx
OUTx
VO
VI
VOL(OUTx)
VOH(OUTx)
VCCI
0V
tr
50
Input Generator
(See Note A)
VI
VO
tf
tPLH
tPHL
50%
50%
50%
50%
90%
10%
CL
See Note B
A.
The input pulse is supplied by a generator having the following characteristics: PRR ≤ 50kHz, 50% duty cycle, tr ≤ 1ns, tf ≤ 1ns, ZO
= 50Ω. At the input, 50Ω resistor is required to terminate INx (input) generator signal. The 50Ω resistor is not needed in the actual
application.
B.
CL = 15pF and includes instrumentation and fixture capacitance within ±20%.
Figure 7-1. Switching Characteristics Test Circuit and Voltage Waveforms
VI
VCC
INx
OUTx
VO
IN = 0V (Devices without suffix F)
IN = VCC (Devices with suffix F)
VO
VI
VOL(OUTx)
VOH(OUTx)
VCC
0V
VCC_UVLO-(MIN)
50%
tDO
default high
default low
See Note B
CL
See Note A
A.
CL = 15pF and includes instrumentation and fixture capacitance within ±20%.
B.
Power Supply Ramp Rate = 10mV/ns
Figure 7-2. Default Output Delay Time Test Circuit and Voltage Waveforms
INx
OUTx
VCCO
GNDI
+
–
VCM
+
–
VOH(OUTx) or
VOL(OUTx)
VCCI
Pass-fail criteria:
The output must
remain stable.
C = 0.1µF ±1%
C = 0.1µF ±1%
S1
GNDO
A.
CL = 15pF and includes instrumentation and fixture capacitance within ±20%.
B.
ENx = VCC, channels are enabled during CMTI test.
Figure 7-3. Common-Mode Transient Immunity Test Circuit
ISO6040, ISO6041, ISO6042
SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISO6040 ISO6041 ISO6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com