Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127521 Datasheet(PDF) 1 Page - Pro-Signal

Part # 127521
Description  DVI-D M/M DUALLINK BK- 5 M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

127521 Datasheet(HTML) 1 Page - Pro-Signal

  127521 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
DV
VII--D
D M
M//M
M D
DU
UA
ALLLLIIN
NK
K B
BK
K-- 5
5 M
M
R
RE
EF
F.. 1
12
27
75
52
21
1
Those specifications can change without notice.
Created date 04/12/2011
MAIN FEATURES
Connection cable for flat pannel/video projector
High resolution application
Fits DVI-D (24+1) -type connectors
For LCD, TFT, Plasma flat pannels
< FONT size= "1" face= "Arial" color= "# FF0000"> WARNI NG! : The
www.DDWG.org-
issued
DVI
specs recommend
a 5-meter
maximum connection, otherwise signal amplification will be
required.</FONT>
127521
OTHER FEATURES
Packaging : Bag
Warranty : 1AN
Gencod : 3548381275213
Country of Origin : CN
Customs nomenclature :
85444290
Unit : PCS
Units per parcel : 0060
Gross weight : 0,30 Kg
Net weight : 0,30 Kg
Volume : 1125,00 cm3
OTHER VIEWS
Picture non available
Picture non available
Picture non available
Picture non available


Similar Part No. - 127521

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1275 ALPHAWIRE-1275 Datasheet
98Kb / 4P
Customer Specification
8/30/2022
1275 ALPHAWIRE-1275 Datasheet
97Kb / 4P
Customer Specification
12/2/2022
logo
Heyco.
1275 HEYCO-1275 Datasheet
104Kb / 1P
Original Strain Relief Bushings
logo
Abbatron All Rights Res...
1275 ABBATRON-1275 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
CEE Norm UK Ltd
1275 CEENORM-1275 Datasheet
1Mb / 4P
Socket Outlets
More results

Similar Description - 127521

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1321005-03 QUALTEK-1321005-03 Datasheet
497Kb / 1P
DVI(185)P/M - DVI(185)P/M
1321006-03 QUALTEK-1321006-03 Datasheet
490Kb / 1P
DVI(185)P/M - DVI(185)P/M
1321009-03 QUALTEK-1321009-03 Datasheet
553Kb / 1P
DVI (245)P/M - DVI (245)P/M
1321010-03 QUALTEK-1321010-03 Datasheet
545Kb / 1P
DVI (245)P/M - DVI (245)P/M
1321015-06 QUALTEK-1321015-06 Datasheet
493Kb / 1P
DVI (185)P/M - DVI (185)P/M
1321016-06 QUALTEK-1321016-06 Datasheet
490Kb / 1P
DVI (185)P/M - DVI (185)P/M
1321019-06 QUALTEK-1321019-06 Datasheet
542Kb / 1P
DVI(245)P/M - DVI(245)P/M
1321020-06 QUALTEK-1321020-06 Datasheet
540Kb / 1P
DVI(245)P/M - DVI(245)P/M
1321025-10 QUALTEK-1321025-10 Datasheet
540Kb / 1P
DVI(185)P/M - DVI(185)P/M
1321036-16 QUALTEK-1321036-16 Datasheet
495Kb / 1P
DVI(185)P/M - DVI(185)P/M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com