Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5DC-RX2AUM-000 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5DC-RX2AUM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2AUM-000 Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5DC-RX2AUM-000 Datasheet HTML 1Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 2Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 3Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 4Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 5Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 6Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 7Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 8Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
E5GC
3
Model Number Legend and Standard Models
Model Number Legend
E5GC-
@@ @@@ M-@@@ (Example: E5GC-RX1A6M-015)
−− − − − − −−−
AB C D E
F
*1. The control output can be used as a simple transfer output.
*2. Only option 000 can be selected if an auxiliary output is zero.
*3. Option 016 and 023 can be selected only if two auxiliary outputs are selected.
*4. Option with HB and HS alarms (023) cannot be selected if a linear current output is selected for the control output.
*5. Option 024 can be selected only if one auxiliary output is selected.
*6. The specifications are different for Temperature Controllers with Push-In Plus terminal blocks. Refer to Precautions when Wiring on page 131.
Heating and Cooling Control
Using Heating and Cooling Control
A
Control Output Assignment
An auxiliary output is used as the cooling control output.
B
Control
If PID control is used, you can set PID control separately for heating and cooling.
This allows you to handle control systems with different heating and cooling response characteristics.
Model
A
B
C
D
E
F
Meaning
Control
outputs 1
and 2
No. of
auxiliary
outputs
Power
supply
voltage
Terminal
type
Input
type
Options
E5GC
48
× 24 mm
Control output 1
Control output 2
RX
Relay output
None
QX
Voltage output
(for driving SSR)
None
*1CX
Linear current output
None
*20
None
1
1
2
2
A
100 to 240 VAC
D
24 VAC/DC
6
Screw terminal blocks (with cover)
C
Screwless clamp terminal blocks
*6
M
Universal input
HB alarm and HS alarm
Communications Event inputs
000
---
---
---
015
---
RS-485
---
*3
016
---
---
1
*3, *4
023
1
---
---
*5
024
---
---
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com