Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5DC-RX2AUM-000 Datasheet(PDF) 40 Page - Omron Electronics LLC

Part # E5DC-RX2AUM-000
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2AUM-000 Datasheet(HTML) 40 Page - Omron Electronics LLC

Back Button E5DC-RX2AUM-000 Datasheet HTML 36Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 37Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 38Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 39Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 40Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 41Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 42Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 43Page - Omron Electronics LLC E5DC-RX2AUM-000 Datasheet HTML 44Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 138 page
background image
40
Digital Temperature Controller
E5EC/E5EC-B/E5AC
(48
× 96 mm/96 × 96 mm)
Large White PV Display That’s Easier to Read.
Easy to Use, from Model Selection to
Setup and Operation.
Models with Push-In Plus Terminal
Blocks Added to 48 × 96-mm Lineup.
• A white LCD PV display with a height of approx. 18 mm for the
E5EC/E5EC-B and 25 mm for the E5AC improves visibility.
• High-speed sampling at 50 ms.
• With 48 x 96-mm Controllers, you can select between screw
terminal blocks or Push-In Plus terminal blocks to save wiring work.
• Short body with depth of only 60 mm. (Screw Terminal Blocks)
• Easy connections to a PLC with programless communications.
Use component communications to link Temperature Controllers
to each other.
• Tool ports are provided both on the top panel and the front panel.
Set up the Controller without wiring the power supply by
connecting to the computer with a Communications Conversion
Cable (sold separately). Setup is easy with the CX-Thermo (sold separately).
Main I/O Functions
48
× 96 mm
Screw Terminal
Blocks
E5EC
96
× 96 mm
Screw Terminal Blocks
E5AC
Refer to your OMRON website for the most recent
information on applicable safety standards.
*
48
× 96 mm
Push-In Plus
Terminal
Blocks
E5EC-B
* CSA conformance
evaluation by UL.
E5EC/E5EC-B
4-digit
displays
Sensor Input
Indication Accuracy
• Thermocouple input:
±0.3% of PV
• Pt input: ±0.2% of PV
• Analog input: ±0.2% of FS
Sampling Period
• 50 ms
Event Inputs
• None
• 2
• 4
• 6
Remote SP Input
• None
• 1
Control Output 1
<E5EC/E5AC>
<E5EC-B>
<E5EC/E5AC>
<E5EC-B>
• Relay output
• Voltage output
(for driving SSR)
• Linear current output
• None
Control Output 2
• Voltage output
(for driving SSR)
• Relay output
• Linear current output
Auxiliary Outputs
• 4
• 2
• 4
Transfer Output
• None
• 1
• PF (shift) Key
• Setup Tool port on front panel
• Temperature status display
• Simple programming
• Independent heating and
cooling PID control
• Changed parameter display
• Display brightness setting
Three-level Display
PV, SV, and MV displayed
at the same time.
E5AC
Serial Communications
• None
• RS-485
Universal input
• Thermocouple
• Pt
• Analog current/voltage
This datasheet is provided as a guideline for selecting products.
Be sure to refer to the following manuals for application precautions and other information required for operation before attempting
to use the product.
E5
@C Digital Temperature Controllers User’s Manual (Cat. No. H174)
E5
@C Digital Temperature Controllers Communications Manual (Cat. No. H175)
Refer to Safety Precautions on page 122.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com