Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1018ESLPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF1018ESLPBF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1018ESLPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF1018ESLPBF Datasheet HTML 1Page - International Rectifier IRF1018ESLPBF Datasheet HTML 2Page - International Rectifier IRF1018ESLPBF Datasheet HTML 3Page - International Rectifier IRF1018ESLPBF Datasheet HTML 4Page - International Rectifier IRF1018ESLPBF Datasheet HTML 5Page - International Rectifier IRF1018ESLPBF Datasheet HTML 6Page - International Rectifier IRF1018ESLPBF Datasheet HTML 7Page - International Rectifier IRF1018ESLPBF Datasheet HTML 8Page - International Rectifier IRF1018ESLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IRF1018E/S/SLPbF
www.irf.com
3
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
15V
10V
8.0V
6.0V
5.5V
5.0V
4.8V
BOTTOM
4.5V
≤60μs PULSE WIDTH
Tj = 25°C
4.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
15V
10V
8.0V
6.0V
5.5V
5.0V
4.8V
BOTTOM
4.5V
≤60μs PULSE WIDTH
Tj = 175°C
4.5V
2
3
4
5
6
7
8
9
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 47A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
0
1000
2000
3000
4000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
10203040
5060
QG Total Gate Charge (nC)
0
4
8
12
16
VDS= 48V
VDS= 30V
VDS= 12V
ID= 47A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com