Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1018ESLPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRF1018ESLPBF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1018ESLPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF1018ESLPBF Datasheet HTML 1Page - International Rectifier IRF1018ESLPBF Datasheet HTML 2Page - International Rectifier IRF1018ESLPBF Datasheet HTML 3Page - International Rectifier IRF1018ESLPBF Datasheet HTML 4Page - International Rectifier IRF1018ESLPBF Datasheet HTML 5Page - International Rectifier IRF1018ESLPBF Datasheet HTML 6Page - International Rectifier IRF1018ESLPBF Datasheet HTML 7Page - International Rectifier IRF1018ESLPBF Datasheet HTML 8Page - International Rectifier IRF1018ESLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRF1018E/S/SLPbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
0.0
0.5
1.0
1.5
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100μsec
DC
0
10
20
30
40
50
60
VDS, Drain-to-Source Voltage (V)
0.0
0.2
0.4
0.6
0.8
25
50
75
100
125
150
175
TC , CaseTemperature (°C)
0
20
40
60
80
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Temperature ( °C )
60
65
70
75
80
Id = 5mA
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
I D
TOP
5.3A
11A
BOTTOM
47A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com