Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-RTDUW-S2W Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # LE-RTDUW-S2W
Description  OSRAM OSTAR® Stage
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-RTDUW-S2W Datasheet(HTML) 3 Page - ams-OSRAM AG

  LE-RTDUW-S2W Datasheet HTML 1Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 2Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 3Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 4Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 5Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 6Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 7Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 8Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LE RTDUW S2W
3 Version 1.5 | 2020-07-15
Characteristics
I
F = 700 mA; TS = 25 °C
Parameter
Symbol
Values
Values
Values
Values
● red
● true green
● deep blue
● ultra white
Chromaticity Coordi-
nate
0.31
0.32
Peak Wavelength
λ
peak
typ.
632 nm
520 nm
449 nm
Dominant Wave-
length 3)
λ
dom
min.
typ.
max.
620 nm
625 nm
632 nm
521 nm
527 nm
533 nm
449 nm
453 nm
457 nm
Spectral bandwidth at
50% I
rel,max
∆λ
typ.
18 nm
33 nm
25 nm
Viewing angle at 50%
I
V
2φ
typ.
120 °
120 °
120 °
120 °
Radiating surface
For value(s) see red
column, all chips oper-
ated simultaneously
A
color
typ.
2.1 x 2.1 m²
Partial Flux acc. CIE
127:2007 4)
Φ
E/V 120° = x * ΦE/V 180°
Φ
E/V, 120°
typ.
0.82
0.82
0.82
0.82
Forward Voltage 5)
I
F = 700 mA
V
F
min.
typ.
max.
2.10 V
2.50 V
2.90 V
2.90 V
3.60 V
4.20 V
2.90 V
3.45 V
4.00 V
2.90 V
3.45 V
4.00 V
Reverse voltage (ESD
device)
V
R ESD
min.
5 V
5 V
5 V
5 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
1.2 V
1.2 V
1.2 V
Real thermal resistance
junction/solderpoint 6)
For value(s) see red
column, all chips oper-
ated simultaneously
R
thJS real
typ.
max.
1.8 K / W
2.3 K / W
Electrical thermal resis-
tance junction/solder-
point 6)
With efficien-
cy η
e = 23%;
for value(s) see red col-
umn, all chips operated
simultaneously
R
thJS elec.
typ.
max.
1.4 K / W
1.8 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com