Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE-RTDUW-S2W Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LE-RTDUW-S2W
Description  OSRAM OSTAR® Stage
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-RTDUW-S2W Datasheet(HTML) 1 Page - ams-OSRAM AG

  LE-RTDUW-S2W Datasheet HTML 1Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 2Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 3Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 4Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 5Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 6Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 7Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 8Page - ams-OSRAM AG LE-RTDUW-S2W Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LE RTDUW S2W
1 Version 1.5 | 2020-07-15
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LE RTDUW S2W
OSRAM OSTAR® Stage
Compact lightsource in SMT technology, glass win-
dow on top, RoHS compliant
—
Architecture
—
Mood Lighting
—
Stage Lighting (LED & Laser)
Features:
—
Package: compact lightsource in multi chip SMT technology with glass window on top
—
Chip technology: Thinfilm / ThinGaN
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 625 nm (● red); λdom = 527 nm (● true green); λdom = 453 nm (● deep blue); Cx = 0.31, Cy =
0.32 acc. to CIE 1931 (● ultra white)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
Ordering Information
Type
Brightness 1)
Ordering Code
LE RTDUW S2W
Q65111A0884
● red
● Φ
V = 45 ... 112 lm (IF = 700 mA)
Q65111A0884
● true green
● Φ
V = 90 ... 180 lm (IF = 700 mA)
Q65111A0884
● deep blue
● Φ
E = 630 ... 900 mW (IF = 700 mA)
Q65111A0884
● ultra white
● Φ
V = 140 ... 224 lm (IF = 700 mA)
Q65111A0884


Similar Part No. - LE-RTDUW-S2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-RTDUW-S2W OSRAM-LE-RTDUW-S2W Datasheet
983Kb / 23P
compact lightsource in SMT technology with glass window on top
logo
ams-OSRAM AG
LE-RTDUW-S2WM AMSOSRAM-LE-RTDUW-S2WM Datasheet
3Mb / 28P
OSRAM OSTAR® Stage
2022-08-22
logo
OSRAM GmbH
LE-RTDUW-S2WP OSRAM-LE-RTDUW-S2WP Datasheet
1Mb / 24P
compact lightsource in SMT technology with glass window on top
More results

Similar Description - LE-RTDUW-S2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
OSRAM OSTAR Observation (850nm)
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
OSRAM OSTAR Observation (850nm)
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
OSRAM OSTAR Medical
LERTDCYS2WN OSRAM-LERTDCYS2WN_18 Datasheet
2Mb / 25P
OSRAM OSTAR Stage
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
OSRAM OSTAR Stage
LERTDUWS2WP OSRAM-LERTDUWS2WP Datasheet
1Mb / 24P
OSRAM OSTAR Stage
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LERTDUWS2W OSRAM-LERTDUWS2W Datasheet
983Kb / 23P
OSRAM OSTAR Stage
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com