Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2202IP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2202IP
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2202IP Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC2202IP Datasheet HTML 29Page - Texas Instruments TLC2202IP Datasheet HTML 30Page - Texas Instruments TLC2202IP Datasheet HTML 31Page - Texas Instruments TLC2202IP Datasheet HTML 32Page - Texas Instruments TLC2202IP Datasheet HTML 33Page - Texas Instruments TLC2202IP Datasheet HTML 34Page - Texas Instruments TLC2202IP Datasheet HTML 35Page - Texas Instruments TLC2202IP Datasheet HTML 36Page - Texas Instruments TLC2202IP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2201M operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2201AM
TLC2201BM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = 0.5 V to 2.5 V,
RL 10 kΩ
25
°C
1.8
2.5
1.8
2.5
V/
µs
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 100 pF
Full range
1.1
1.1
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
25
°C
18
35
18
30
nV/
√Hz
Vn
qg
(see Note 5)
f = 1 kHz
25
°C
8
15
8
12
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input
f = 0.1 to 1 Hz
25
°C
0.5
0.5
µV
VN(PP)
q
noise voltage
f = 0.1 to 10 Hz
25
°C
0.7
0.7
µV
In
Equivalent input noise current
25
°C
0.6
0.6
fA/
√Hz
f = 10 kHz,
Gain-bandwidth product
f
10 kHz,
RL = 10 kΩ,
25
°C
1.8
1.8
MHz
L
,
CL = 100 pF
φ
Phase margin at unity gain
RL = 10 kΩ,
25
°C
45
°
45
°
φm
Phase margin at unity gain
L
CL = 100 pF
25
°C
45
°
45
°
† Full range is – 55
°C to 125°C.
NOTE 5: This parameter is tested on a sample basis for the TLC2201A and on all devices for the TLC2201B. For other test requirements, please
contact the factory. This statement has no bearing on testing or nontesting of other parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com