Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2202IP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2202IP
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2202IP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC2202IP Datasheet HTML 19Page - Texas Instruments TLC2202IP Datasheet HTML 20Page - Texas Instruments TLC2202IP Datasheet HTML 21Page - Texas Instruments TLC2202IP Datasheet HTML 22Page - Texas Instruments TLC2202IP Datasheet HTML 23Page - Texas Instruments TLC2202IP Datasheet HTML 24Page - Texas Instruments TLC2202IP Datasheet HTML 25Page - Texas Instruments TLC2202IP Datasheet HTML 26Page - Texas Instruments TLC2202IP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2201I operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLC2201AI
TLC2210BI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = 0.5 V to 2.5 V,
25
°C
1.8
2.5
1.8
2.5
V/
µs
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 100 pF
Full range
1.2
1.2
V/
µs
V
Equivalent input noise
f = 10 Hz
25
°C
18
35
18
30
nV/
√Hz
Vn
q
voltage (see Note 5)
f = 1 kHz
25
°C
8
15
8
12
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input
f = 0.1 to 1 Hz
25
°C
0.5
0.5
µV
VN(PP)
q
noise voltage
f = 0.1 to 10 Hz
25
°C
0.7
0.7
µV
In
Equivalent input noise current
25
°C
0.6
0.6
fA/
√Hz
Gain bandwidth product
f = 10 kHz,
RL = 10 kΩ,
25
°C
18
18
MHz
Gain-bandwidth product
,
CL = 100 pF
L
25
°C
1.8
1.8
MHz
φ
Phase margin at unity gain
RL =10kΩ
CL = 100 pF
25
°C
45
°
45
°
φm
Phase margin at unity gain
RL = 10 kΩ,
CL = 100 pF
25
°C
45
°
45
°
† Full range is – 40
°C to 85°C.
NOTE 5: This parameter is tested on a sample basis for the TLC2201A and on all devices for the TLC2201B. For other test requirements, please
contact the factory. This statement has no bearing on testing or nontesting of other parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com