Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1404P Datasheet(PDF) 25 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 21Page - Texas Instruments CC1404P Datasheet HTML 22Page - Texas Instruments CC1404P Datasheet HTML 23Page - Texas Instruments CC1404P Datasheet HTML 24Page - Texas Instruments CC1404P Datasheet HTML 25Page - Texas Instruments CC1404P Datasheet HTML 26Page - Texas Instruments CC1404P Datasheet HTML 27Page - Texas Instruments CC1404P Datasheet HTML 28Page - Texas Instruments CC1404P Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
6.17 782MHz - 957MHz Receive (RX) (continued)
When measured on the BP-CC1404P-8-FE reference design with Tc = 25°C, VDDS = 3.6V.All measurements are performed
at the antenna input with a combined RX and TX path and through an RF switch as part of the reference design. All
measurements are performed conducted. All measurements are using 250 byte PSDU < 10% PER unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Blocking, +2MHz
0.1% BER, wanted level -89.5dBm, CW interferer
65
dB
Blocking, -2MHz
0.1% BER, wanted level -89.5dBm, CW interferer
63
dB
Blocking, +10MHz
0.1% BER, wanted level -89.5dBm, CW interferer
69
dB
Blocking, -10MHz
0.1% BER, wanted level -89.5dBm, CW interferer
78
dB
Blocking + 5% Fc. (43.42MHz)
0.1% BER, wanted level -89.5dBm, CW interferer
75
dB
Blocking - 5% Fc. (43.42MHz)
0.1% BER, wanted level -89.5dBm, CW interferer
77
dB
RSSI dynamic range
Starting from the sensitivity limit
102
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Wireless M-Bus, T mode, 100kbps ±50kHz deviation, FSK, 282kHz RX_BW
Sensitivity, wM-BUS T1-mode
100kbps ±50kHz, 1% BER (wo/uLNA), 868.95MHz
-105
dBm
Sensitivity, wM-BUS T1-mode
100kbps ±50kHz, 1% BER (w/uLNA), 868.95MHz
-108
dBm
Saturation limit, wM-BUS T1-mode
100kbps ±50kHz, 1% BER (w/uLNA), 868.95MHz
-5
dBm
Selectivity, +400kHz
0.1% BER, wanted level -89.5dBm, CW interferer
47
dB
Selectivity, -400kHz
0.1% BER, wanted level -89.5dBm, CW interferer
40
dB
Blocking, +2MHz
0.1% BER, wanted level -89.5dBm, CW interferer
64
dB
Blocking, -2MHz
0.1% BER, wanted level -89.5dBm, CW interferer
63
dB
Blocking, +10MHz
0.1% BER, wanted level -89.5dBm, CW interferer
69
dB
Blocking, -10MHz
0.1% BER, wanted level -89.5dBm, CW interferer
78
dB
Blocking + 5% Fc. (43.42MHz)
0.1% BER, wanted level -89.5dBm, CW interferer
74
dB
Blocking - 5% Fc. (43.42MHz)
0.1% BER, wanted level -89.5dBm, CW interferer
77
dB
RSSI dynamic range
Starting from the sensitivity limit
102
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Wireless M-Bus, C2 mode, 50kbps ±25kHz deviation, FSK, 121kHz RX_BW, 869.525 MHz
Sensitivity, wM-BUS C2-mode
50kbps ±25kHz, 1% BER (w/uLNA)
-113
dBm
Saturation limit, wM-BUS C2-mode
50kbps ±25kHz, 1% BER (w/uLNA)
10
dBm
Selectivity, +400kHz
0.1% BER, wanted level -89.5dBm, CW interferer
51
dB
Selectivity, -400kHz
0.1% BER, wanted level -89.5dBm, CW interferer
41
dB
Image rejection (image compensation
enabled)
0.1% BER, wanted level -89.5dBm, CW interferer
38
dB
Blocking, +2MHz
0.1% BER, wanted level -89.5dBm, CW interferer
68
dB
Blocking, -2MHz
0.1% BER, wanted level -89.5dBm, CW interferer
67
dB
Blocking, +10MHz
0.1% BER, wanted level -89.5dBm, CW interferer
72
dB
Blocking, -10MHz
0.1% BER, wanted level -89.5dBm, CW interferer
83
dB
Blocking + 5% Fc. (43.42MHz)
0.1% BER, wanted level -89.5dBm, CW interferer
79
dB
Blocking - 5% Fc. (43.42MHz)
0.1% BER, wanted level -89.5dBm, CW interferer
81
dB
RSSI dynamic range
Starting from the sensitivity limit
112
dB
RSSI accuracy
Starting from the sensitivity limit across the given dynamic range
±3
dB
Wireless M-Bus, S mode, 32.768kbps ±50kHz deviation, FSK, 211kHz RX_BW
Sensitivity, wM-BUS S2/T2-mode
32.768kbps ±50kHz, 1% BER (w/uLNA), 868.3MHz
-113
dBm
Saturation limit, wM-BUS S2/T2-mode 32.768kbps ±50kHz, 1% BER (w/uLNA), 868.3MHz
10
dBm
Selectivity, +200kHz
0.1% BER, wanted level -90.7dBm, CW interferer
45
dB
Selectivity, -200kHz
0.1% BER, wanted level -90.7dBm, CW interferer
40
dB
Image rejection (image compensation
enabled)
0.1% BER, wanted level -90.7dBm, CW interferer
39
dB
Blocking, +2MHz
0.1% BER, wanted level -90.7dBm, CW interferer
71
dB
Blocking, -2MHz
0.1% BER, wanted level -90.7dBm, CW interferer
68
dB
Blocking, +10MHz
0.1% BER, wanted level -90.7dBm, CW interferer
72
dB
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com