Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1404P Datasheet(PDF) 37 Page - Texas Instruments

Part # CC1404P
Description  CC1404P SimpleLink™ High-Performance Sub-1GHz O-QPSK and FSK Transciever
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1404P Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC1404P Datasheet HTML 33Page - Texas Instruments CC1404P Datasheet HTML 34Page - Texas Instruments CC1404P Datasheet HTML 35Page - Texas Instruments CC1404P Datasheet HTML 36Page - Texas Instruments CC1404P Datasheet HTML 37Page - Texas Instruments CC1404P Datasheet HTML 38Page - Texas Instruments CC1404P Datasheet HTML 39Page - Texas Instruments CC1404P Datasheet HTML 40Page - Texas Instruments CC1404P Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
8.1.2 Balanced Performance
This design showcases a balanced performance configuration. The differential recieve has very strong
perforamnce in the presense of 5G base stations where SAW fillters may not be needed in certain usecases.
The balanced performance design also utilizes the full capabilties of the high efficiency RF amplier achieving the
full 16dBm of transmit power available.
• Robust receive in presence of 5G
• Low current transmit (+16dBm transmit power)
• Low external Bill of Materials (eBOM)
Figure 8-2. Differential high efficiency reference design
8.1.3 Lowest external Bill of Material (eBOM)
This design showcases the lowest practical component count design that the transciever supports. The complete
external bill-of-materials (eBOM) totals approximately: 12 RF passives, decoupling capacitors and an optional
DCDC inductor.
• Lowest eBOM (+14dBm TX)
• Lowest transmit current for application targeting 10dBm output power.
• Lowest receive current (uLNA is disabled)
Figure 8-3. Lowest Cost External BOM reference design
8.1.4 Long Range low external Bill of Material
This design delivers the minimum achievable external eBOM for a +22 dBm Sub-GHz solution by eliminating
the external RF switch through a switchless dual-PA architecture. The result is a cost-optimized, long-range
reference design with no sacrifice in transmit performance.
• +22 dBm maximum TX power with a switchless architecture
• Robust in the presence of 5G base stations
• Long-range capability at minimum BOM cost — no performance trade-off required
www.ti.com
CC1404P
SWRS300 – SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: CC1404P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com