Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2201R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAT2201R
Description  Silicon N Channel Power MOS FET Power Switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2201R Datasheet(HTML) 7 Page - Renesas Technology Corp

  HAT2201R Datasheet HTML 1Page - Renesas Technology Corp HAT2201R Datasheet HTML 2Page - Renesas Technology Corp HAT2201R Datasheet HTML 3Page - Renesas Technology Corp HAT2201R Datasheet HTML 4Page - Renesas Technology Corp HAT2201R Datasheet HTML 5Page - Renesas Technology Corp HAT2201R Datasheet HTML 6Page - Renesas Technology Corp HAT2201R Datasheet HTML 7Page - Renesas Technology Corp HAT2201R Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HAT2201R
Rev.3.00, Apr.07.2004, page 7 of 7
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
FP-8DA
Conforms
—
0.085 g
*Dimension including the plating thickness
Base material dimension
4.90
0.25
0.15
0˚ – 8˚
M
8
5
1
4
1.27
0.40 ± 0.06
*0.42 ± 0.08
5.3 Max
0.75 Max
0.60
+ 0.67
– 0.20
6.10
+ 0.10
– 0.30
1.08
As of January, 2003
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
HAT2201R-EL-E
2500pcs
Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com