Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7221ADRG4 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221ADRG4
Description  DUAL DIGITAL ISOLATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221ADRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7221ADRG4 Datasheet HTML 12Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 13Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 14Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 15Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 16Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 17Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 18Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 19Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Temperature-°C
125
-40
-15
10
35
60
85
110
V
CC =3.3V
V
CC =5V
15pFLoad
t
pLH &tpHL
t
pLH &tpHL
0
5
10
15
20
25
30
Temperature-°C
125
-40
-15
10
35
60
85
110
V
CC =3.3V
V
CC =5V
15pFLoad
t
pLH &tpHL
t
pLH &tpHL
0
5
10
15
20
Temperature-°C
-40
-25
-10
5
20
35
50
65
80
95
110 125
15pFLoad
5-VV
th+
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
3.3-VV
th+
3.3-VV
th-
5-VV
th-
Temperature-°C
-40
-25
-10
5
20
35
50
65
80
95
110 125
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
5-VV
th+
3.3-VV
th+
3.3-VV
th-
5-VV
th-
15pFLoad
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755H – JULY 2006 – REVISED MAY 2008 ................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTIC CURVES (continued)
PROPAGATION DELAY
PROPAGATION DELAY
vs
vs
FREE-AIR TEMPERATURE, ISO722xC
FREE-AIR TEMPERATURE, ISO722xM
Figure 10.
Figure 11.
ISO722xA, ISO722xB AND ISO722xC INPUT VOLTAGE
LOW-TO-HIGH SWITCHING THRESHOLD
ISO722xM INPUT VOLTAGE HIGH-TO-LOW
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 12.
Figure 13.
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com