Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7221ADRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221ADRG4
Description  DUAL DIGITAL ISOLATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7221ADRG4 Datasheet(HTML) 2 Page - Texas Instruments

  ISO7221ADRG4 Datasheet HTML 1Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 2Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 3Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 4Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 5Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 6Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 7Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 8Page - Texas Instruments ISO7221ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SINGLE-CHANNEL FUNCTION DIAGRAM
Input
+
Filter
GalvanicIsolation
Barrier
Vref
Vref
DataMUX
OUT
IN
OSC
+
PWM
ACDetect
OutputBuffer
DCChannel
ACChannel
Filter
PulseWidth
Demodulation
CarrierDetect
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755H – JULY 2006 – REVISED MAY 2008 ................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PRODUCT
SIGNALING
PACKAGE
INPUT
CHANNEL
MARKED
ORDERING
RATE
THRESHOLD
DIRECTION
AS
NUMBER
ISO7220AD (rail)
≈ 1.5 V (TTL)
ISO7220A
1 Mbps
SOIC-8
I7220A
(CMOS compatible)
ISO7220ADR (reel)
ISO7220BD (rail)
≈ 1.5 V (TTL)
ISO7220B
5 Mbps
SOIC-8
I7220B
(CMOS compatible
ISO7220BDR (reel)
Same direction
ISO7220CD (rail)
≈ 1.5 V (TTL)
ISO7220C
25 Mbps
SOIC-8
I7220C
(CMOS compatible)
ISO7220CDR (reel)
ISO7220MD (rail)
ISO7220M
150 Mbps
SOIC-8
VCC/2 (CMOS)
I7220M
ISO7220MDR (reel)
ISO7221AD (rail)
≈ 1.5 V (TTL)
ISO7221A
1 Mbps
SOIC-8
I7221A
(CMOS compatible)
ISO7221ADR (reel)
ISO7221BD (rail)
≈ 1.5 V (TTL)
ISO7221B
5 Mbps
SOIC-8
I7221B
(CMOS compatible)
ISO7221ABR (reel)
Opposite directions
ISO7221CD (rail)
≈ 1.5 V (TTL)
ISO7221C
25 Mbps
SOIC-8
TI7221C
(CMOS compatible)
ISO7221CDR (reel)
ISO7221MD (rail)
ISO7221M
150 Mbps
SOIC-8
VCC/2 (CMOS)
I7221M
ISO7221MDR (reel)
REGULATORY INFORMATION
VDE
CSA
UL
Approved under CSA Component
Recognized under 1577 Component
Certified according to IEC 60747-5-2
Acceptance Notice
Recognition Program(1)
File Number: 40016131
File Number: 1698195
File Number: E181974
(1)
Production tested
≥3000 VRMS for 1 second in accordance with UL 1577.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com