Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2CAPDM Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2CAPDM
Description  USB C Audio & Charge Adapter - USB-C Audio Adapter w/ USB-C Audio Headphone/Headset Port and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2CAPDM Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2CAPDM Datasheet HTML 1Page - StarTech.com Ltd. CDP2CAPDM Datasheet HTML 2Page - StarTech.com Ltd. CDP2CAPDM Datasheet HTML 3Page - StarTech.com Ltd. CDP2CAPDM Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Listen to music or make phone calls, while charging your USB-C device at the same time
• Virtual conference calls or customer service applications
Features
• ADD USB-C AUDIO & CHARGING: USB C audio and charge adapter with a USB-C port for a headset, headphones
or for USB 2.0 data transfer (480Mbps) and a second USB-C port for PD pass-through to simultaneously charge your
device using a single USB Type-C port
• MULTIPLE CHARGING MODES: USB C headphone and charger adapter is bus-powered or use external Type-C
power adapter to provide up to 60W Power Delivery 3.0 pass-through to keep your USB-C laptops, tablets and
smartphones charged
• CONVENIENT SIDE PORT LAYOUT: Compact, horizontal-style adapter w/ cable-less, dongle-like design and
discreet side port locations for audio & power connections at opposite ends of the adapter to avoid snags/tangles and
to allow for a flexible device setup
• WIDE COMPATIBILITY: Works w/ USB Type-C and Thunderbolt 3 laptops, tablets, smartphones & PCs including
Lenovo X1 Carbon, MacBook Pro/Air, Surface Pro 7/Book, Chromebook, iPad Pro & Samsung Galaxy/Note
Compatible w/ Windows, macOS, iPadOS & Android
• PORTABLE DESIGN: 2-in-1 USB C audio adapter with a compact/leek design can be transported, even when
connected to your USB C device between office, home office or for business travel Ideal for conference calls,
customer support or at your workstation
Hardware
Warranty
3 Years
Ports
2
Audio
Yes
Chipset ID
BCC-2102
Performance
Maximum Data Transfer
Rate
USB 2.0
Connector(s)
Connector A
1 - USB Type-C (24 pin) USB Power Delivery Only
Connector B
1 - USB Type-C (24 pin) USB Power Delivery Only
1 - USB Type-C (24-pin) USB 2.0 (480Mbps)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com