Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2CAPDM Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2CAPDM
Description  USB C Audio & Charge Adapter - USB-C Audio Adapter w/ USB-C Audio Headphone/Headset Port and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2CAPDM Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2CAPDM Datasheet HTML 1Page - StarTech.com Ltd. CDP2CAPDM Datasheet HTML 2Page - StarTech.com Ltd. CDP2CAPDM Datasheet HTML 3Page - StarTech.com Ltd. CDP2CAPDM Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ USB-C Audio Headphone/Headset Port
and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
Product ID: CDP2CAPDM
This USB C audio adapter with 60W power delivery features a USB Type-C audio port for your headset, audio out or
data transfer, while allowing you to charge your laptop, tablet, or smartphone at the same time.
Make calls or listen to music with this USB C audio and charging adapter. The 2 in 1 headphone adapter with charge
port allows you to use your USB-C headsets, speakers, or transfer data (USB 2.0 speeds) while simultaneously
charging your device through Power Delivery pass through with Type C power adapter connected.
The USB C audio adapter features a cable-less, dongle design with a convenient side-port layout to reduce cable
clutter, making it perfect for professionals at their workstation or on-the-go. Constructed of high-quality materials, the
portable adapter provides a reliable and affordable audio and charge solution for your USB Type-C devices.
This USB C headset adapter is universally compatible enabling you to use your wired headphones with your USB
Type-C or Thunderbolt 3 device, including the MacBook Pro, iPad Pro, Samsung Galaxy and Note.
CDP2CAPDM is backed by a StarTech.com 3-year warranty, and free lifetime technical support.
Certifications, Reports and Compatibility


Similar Part No. - CDP2CAPDM

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP235APDM STARTECH-CDP235APDM Datasheet
125Kb / 4P
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results

Similar Description - CDP2CAPDM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25741 TI1-TPS25741 Datasheet
788Kb / 10P
USB Type-C and USB Power Delivery Host Port Controllers
TPS25741 TI1-TPS25741_17 Datasheet
2Mb / 68P
USB Type-C and USB Power Delivery Host Port Controllers
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
ON Semiconductor
FSA4476 ONSEMI-FSA4476 Datasheet
643Kb / 15P
USB Type-C analog audio switch
May 2017 Rev. 1.3 .2
logo
Maxim Integrated Produc...
MAX20328 MAXIM-MAX20328 Datasheet
1Mb / 43P
MUX Switch for USB Type-C Audio Adapter Accessories
Rev 0; 3/18
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
logo
Tripp Lite. All Rights ...
U437-002 TRIPPLITE-U437-002 Datasheet
162Kb / 3P
USB-C to 3.5 mm Stereo Audio Adapter - USB 2.0, Silver
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
45 Watt Power Delivery USB-C Adapter
3-Dec-2019
logo
Coolgear Inc.
CG-UCUSBPDB COOLGEAR-CG-UCUSBPDB Datasheet
125Kb / 3P
USB-C to USB-B Power Delivery USB 3.1 Adapter w/Mounting Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com